Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7477 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 81Page - Renesas Technology Corp 7477 Datasheet HTML 82Page - Renesas Technology Corp 7477 Datasheet HTML 83Page - Renesas Technology Corp 7477 Datasheet HTML 84Page - Renesas Technology Corp 7477 Datasheet HTML 85Page - Renesas Technology Corp 7477 Datasheet HTML 86Page - Renesas Technology Corp 7477 Datasheet HTML 87Page - Renesas Technology Corp 7477 Datasheet HTML 88Page - Renesas Technology Corp 7477 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-78
HARDWARE
1.12 Timers
Fig.1.12.7 Example of operation of PWM output mode
Timer 3 count
source
Count period
Timer 3 count period
T3(s) = 1
÷ timer 3 count source frequency ! (the timer 3 initial value + 1)
Timer 4 count period
T4(s) = 1
÷ timer 4 count source frequency ! (the timer 4 initial value + 1)
PWM mode operation example
• OF: Overflow
• RL: Reload
• n: Timer 3 initial value
• m: Timer 4 initial value
A : • Clearing by writing “0” to the Timer 3 and Timer 4 interrupt request bits.
• Clearing by accepting the interrupt request when the Timer 3 and Timer 4 interrupt enable bits are “1.”
Timer 4 interrupt
enable bit
Timer 4 interrupt
request bit
Timer 3 interrupt
enable bit
Timer 3 interrupt
request bit
Timer 4 count stop bit
Timer 4 count source
Note: Timer 3 and Timer 4 do not accept count sources in the period from an overflow of the respective
timer till an overflow of the other timer. Because the timer read value changes at the fall of a count
source, the read value in this period remains “FF16”.
(m-1)16
FF16
T4
T1 pin
Time
FF16
T3
T3
T4
OF
OF
A
A
A
A
A
B
C
RL
RL
RL
(n-1)16
OF
OF
OF
B '
B "
C '
B '
B "
C '
RL
RL
(Note)
(Note)
(Note)
(Note)
To B
To B
To B
“1” is written
“0” is written
Time
Count stop
Count restart
To C
To C
"
'
'
PWM output
mode selected
Setting to
output port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com