Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3802 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # 3802
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3802 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button 3802 Datasheet HTML 87Page - Renesas Technology Corp 3802 Datasheet HTML 88Page - Renesas Technology Corp 3802 Datasheet HTML 89Page - Renesas Technology Corp 3802 Datasheet HTML 90Page - Renesas Technology Corp 3802 Datasheet HTML 91Page - Renesas Technology Corp 3802 Datasheet HTML 92Page - Renesas Technology Corp 3802 Datasheet HTML 93Page - Renesas Technology Corp 3802 Datasheet HTML 94Page - Renesas Technology Corp 3802 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 208 page
background image
2-33
3802 GROUP USER’S MANUAL
APPLICATION
2.3 Serial I/O
2.3.5 Serial I/O application examples
(1) Communication using a clock synchronous serial I/O (transmit/receive)
_____
Outline : 2-byte data is transmitted and received through the clock synchronous serial I/O. The SRDY
signal is used for communication control.
Figure 2.3.17 shows a connection diagram, and Figure 2.3.18 shows a timing chart.
Fig. 2.3.17 Connection diagram [Communication using a clock synchronous serial I/O]
Specifications : • The Serial I/O1 is used (clock synchronous serial I/O is selected)
• Synchronous clock frequency : 125 kHz (f(X IN) = 4 MHz is divided by 32)
_____
• The SRDY1 (receivable signal) is used.
_____
• The receiving side outputs the SRDY1 signal at intervals of 2 ms (generated by
timer), and 2-byte data is transferred from the transmitting side to the receiving
side.
Fig. 2.3.18 Timing chart [Communication using a clock synchronous serial I/O]
• • • •
D0
D4
D2
D1
D6
D5
D7
D3
D0
D4
D2
D1
D6
D5
D7
D3
D0
D1
• • • •
• • • •
TXD
SCLK1
SRDY1
2 ms
P41
/INT0
SCLK1
TXD
3802 group
SRDY1
SCLK
RXD
3802 group
Transmitting side
Receiving side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com