Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3218IPZPR Datasheet(PDF) 46 Page - Texas Instruments

Part # TAS3218IPZPR
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3218IPZPR Datasheet(HTML) 46 Page - Texas Instruments

Back Button TAS3218IPZPR Datasheet HTML 42Page - Texas Instruments TAS3218IPZPR Datasheet HTML 43Page - Texas Instruments TAS3218IPZPR Datasheet HTML 44Page - Texas Instruments TAS3218IPZPR Datasheet HTML 45Page - Texas Instruments TAS3218IPZPR Datasheet HTML 46Page - Texas Instruments TAS3218IPZPR Datasheet HTML 47Page - Texas Instruments TAS3218IPZPR Datasheet HTML 48Page - Texas Instruments TAS3218IPZPR Datasheet HTML 49Page - Texas Instruments TAS3218IPZPR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 79 page
background image
RESET TIMING WITH RESPECT TO DVDD POWER GOOD
RESET TIMING
SERIAL AUDIO PORT SLAVE MODE SIGNALS
SERIAL AUDIO PORT MASTER MODE SIGNALS
TAS3218
SLES235 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
See Figure 34
PARAMETER
MIN
TYP
MAX
UNIT
tpgw(L)
Minimum pulse duration, RESET low following DVDD = 3.3 V
100
ms
control signal parameters over recommended operating conditions (unless otherwise noted), see Figure 35
PARAMETER
MIN
TYP
MAX
UNIT
trDMSTATE Time to outputs inactive
100
s
twRESET
Pulse duration, RESET active
200
ns
trEMSTATE Time to enable I
2C
<50
ms
over recommended operating conditions (unless otherwise noted), see Figure 36
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fLRCLK
Frequency, LRCLKIN (FS)
32
48
kHz
twSCLKIN
Pulse duration, SCLKIN high(1)
0.4 tcyc
0.6 tcyc
ns
fSCLKIN
Frequency, SCLKIN
64 Fs
MHz
tcyc
Cycle time, SCLKIN(1)
1/64 Fs
ns
Propagation delay, SCLKIN falling edge to
tpd1
16
ns
SDOUT
tsu1
Setup time, LRCLK to SCLKIN rising edge
10
ns
th1
Hold time, LRCLK from SCLKIN rising edge
5
ns
tsu2
Setup time, SDIN to SCLKIN rising edge
10
ns
th2
Hold time, SDIN from SCLKIN rising edge
5
ns
Propagation delay, SCLKIN falling edge to
tpd2
SCLKOUT = SCLKIN
15
ns
SCLKOUT falling edge
(1)
tcyc = 1/ fSCLKIN
over recommended operating conditions (unless otherwise noted), see Figure 37
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fLRCLK
Frequency LRCLKOUT
48
kHz
trLRCLK
Rise time, LRCLKOUT
CL = 30 pF
12
ns
tfLRCLK
Fall time, LRCLKOUT
CL = 30 pF
12
ns
fSCLKOUT
Frequency, SCLKOUT(1)
64 Fs
MHz
trSCLKOUT Rise time, SCLKOUT
CL = 30 pF
12
ns
tfSCLKOUT Fall time, SCLKOUT
CL = 30 pF
12
ns
Propagation delay, SCLKOUT falling edge to
tpd1
5
ns
LRCLKOUT edge
Propagation delay, SCLKOUT falling edge to
tpd2
5
ns
SDOUT12
tsu
Setup time, SDIN to SCLKOUT rising edge
25
ns
th
Hold time, SDIN from SCLKOUT rising edge
30
ns
(1)
Typical duty cycle is 50/50.
46
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS3218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com