Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5701PAP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5701PAP
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5701PAP Datasheet(HTML) 15 Page - Texas Instruments

Back Button TAS5701PAP Datasheet HTML 11Page - Texas Instruments TAS5701PAP Datasheet HTML 12Page - Texas Instruments TAS5701PAP Datasheet HTML 13Page - Texas Instruments TAS5701PAP Datasheet HTML 14Page - Texas Instruments TAS5701PAP Datasheet HTML 15Page - Texas Instruments TAS5701PAP Datasheet HTML 16Page - Texas Instruments TAS5701PAP Datasheet HTML 17Page - Texas Instruments TAS5701PAP Datasheet HTML 18Page - Texas Instruments TAS5701PAP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
PO − Output Power − W
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
20
30
40
50
G006
PVDD = 18 V
RL = 8 Ω
RL = 6 Ω
PO − Output Power (Per Channel) − W
0
10
20
30
40
50
60
70
80
90
100
0
4
8
12
16
20
G005
PVDD = 18 V
RL = 8 Ω
RL = 6 Ω
PVDD − Supply Voltage − V
0
5
10
15
20
25
30
35
40
10
11
12
13
14
15
16
17
18
19
20
21
G007
THD+N = 1%
THD+N = 10%
RL = 8 Ω
PVDD − Supply Voltage − V
0
5
10
15
20
25
30
35
40
10
11
12
13
14
15
16
17
18
19
20
21
G008
THD+N = 1%
THD+N = 10%
RL = 6 Ω
TAS5701
www.ti.com ...................................................................................................................................................................................................... SLOS559 – JUNE 2008
TYPICAL CHARACTERISTICS, BTL CONFIGURATION (continued)
SYSTEM EFFICIENCY
SUPPLY CURRENT
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 13.
Figure 14.
OUTPUT POWER
OUTPUT POWER
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 15.
Figure 16.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): TAS5701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com