Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5701PAPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5701PAPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5701PAPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5701PAPR Datasheet HTML 2Page - Texas Instruments TAS5701PAPR Datasheet HTML 3Page - Texas Instruments TAS5701PAPR Datasheet HTML 4Page - Texas Instruments TAS5701PAPR Datasheet HTML 5Page - Texas Instruments TAS5701PAPR Datasheet HTML 6Page - Texas Instruments TAS5701PAPR Datasheet HTML 7Page - Texas Instruments TAS5701PAPR Datasheet HTML 8Page - Texas Instruments TAS5701PAPR Datasheet HTML 9Page - Texas Instruments TAS5701PAPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TAS5701
SLOS559 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
TERMINAL FUNCTIONS (continued)
TERMINAL
5-V
TERMINATION
I/O(1)
DESCRIPTION
TOLERANT
(2) (3)
NAME
NO.
BST_C
56
P
High-side bootstrap supply for half-bridge C
BST_D
45
P
High-side bootstrap supply for half-bridge D
CONFIG_2
33
P
Pulldown
Input/output configuration. Connect this terminal directly to GND.
CONFIG_1
34
P
Pulldown
Input/output configuration. Connect this terminal directly to DVDD.
DVDD
15, 35
P
3.3-V Digital power supply
DVSS
26
P
Digital ground
DVSSO
20
P
Oscillator ground
FAULT
9
DO
Overtemperature, undervoltage, and overcurrent fault reporting.
Active low indicates fault. If high, normal operation.
FORMAT2
30
DI
Pulldown
Digital data format select MSB.
FORMAT1
31
DI
Pulldown
Digital data format select LSB.
FORMAT0
32
DI
Pulldown
Digital data format select.
GAIN_1
28
DI
5-V
MSB of gain select.
GAIN_0
29
DI
5-V
LSB of gain select. GAIN_0 and GAIN_1 allow 4 possible gain
selections.
GND
41, 42
P
Analog ground for power stage.
GVDD_AB
5
P
Gate drive voltage for half-bridges A and B (10.8 V to 13.2 V)
GVDD_CD
44
P
Gate drive voltage for half-bridges C and D (10.8 V to 13.2 V)
LRCLK
22
DI
5-V
Input serial audio data left/right clock (sampling rate clock)
MCLK
36
DI
5-V
Clock master input. The input frequency of this clock can range from
4.9 MHz to 49 MHz.
MUTE
21
DI
5-V
Pullup
Performs a soft mute of outputs, active-low. A logic low on this pin
sets the outputs equal to 50% duty cycle. A logic high on this pin
allows normal operation. The mute control provides a noiseless
volume ramp to silence. Releasing mute provides a noiseless ramp to
previous volume.
OC_ADJ
8
AO
Analog overcurrent programming. Requires 22-k
Ω resistor to ground.
OSC_RES
19
AO
Oscillator trim resistor. Connect an 18.2-k
Ω (1% tolerance is
required) resistor to DVSSO.
OUT_A
1, 64
O
Output, half-bridge A
OUT_B
60, 61
O
Output, half-bridge B
OUT_C
52, 53
O
Output, half-bridge C
OUT_D
48, 49
O
Output, half-bridge D
PDN
17
DI
5-V
Pullup
Power down, active-low. PDN stops all clocks, and outputs stop
switching whenever a logic low is applied. When PDN is released, the
device powers up all logic, starts all clocks, and performs a soft start
that returns to the previous configuration changes to FORMATx and
GAINx pins are ignored on PDN cycling.
PGND_AB
62, 63
P
Power ground for half-bridges A and B
PGND_CD
50, 51
P
Power ground for half-bridges C and D
PLL_FLTM
12
AO
PLL negative loop filter terminal
PLL_FLTP
13
AI
PLL positive loop filter terminal
PVDD_A
2, 3
P
Power supply input for half-bridge output A (0 V–21 V)
PVDD_B
58, 59
P
Power supply input for half-bridge output B (0 V–21 V)
PVDD_C
54, 55
P
Power supply input for half-bridge output C (0 V–21 V)
PVDD_D
46, 47
P
Power supply input for half-bridge output D(0 V–21 V)
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com