Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5947DAPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5947DAPR
Description  24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5947DAPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC5947DAPR Datasheet HTML 3Page - Texas Instruments TLC5947DAPR Datasheet HTML 4Page - Texas Instruments TLC5947DAPR Datasheet HTML 5Page - Texas Instruments TLC5947DAPR Datasheet HTML 6Page - Texas Instruments TLC5947DAPR Datasheet HTML 7Page - Texas Instruments TLC5947DAPR Datasheet HTML 8Page - Texas Instruments TLC5947DAPR Datasheet HTML 9Page - Texas Instruments TLC5947DAPR Datasheet HTML 10Page - Texas Instruments TLC5947DAPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TLC5947
www.ti.com ................................................................................................................................................. SBVS114A – JULY 2008 – REVISED SEPTEMBER 2008
TERMINAL FUNCTIONS
TERMINAL
NAME
DAP
RHB
I/O
DESCRIPTION
SIN
4
32
I
Serial input for grayscale data
Serial data shift clock. Schmitt buffer input. Data present on the SIN pin are shifted into the shift
register with the rising edge of the SCLK pin. Data are shifted to the MSB side by 1-bit
SCLK
3
31
I
synchronizing of the rising edge of SCLK. The MSB data appears on SOUT at the falling edge of
SCLK. A rising edge on the SCLK input is allowed 100 ns after an XLAT rising edge.
The data in the grayscale shift register are moved to the grayscale data latch with a low-to-high
transition on this pin. When the XLAT rising edge is input, all constant current outputs are forced
XLAT
30
26
I
off until the next grayscale display period. The grayscale counter is not reset to zero with a rising
edge of XLAT.
Blank (all constant current outputs off). When BLANK is high, all constant current outputs (OUT0
through OUT23) are forced off, the grayscale PWM timing controller initializes, and the grayscale
BLANK
2
30
I
counter resets to '0'. When BLANK is low, all constant current outputs are controlled by the
grayscale PWM timing controller.
This pin sets the constant current value. OUT0 through OUT23 constant sink current is set to the
IREF
31
27
I/O
desired value by connecting an external resistor between IREF and GND.
Serial data output. This output is connected to the shift register placed after the MSB of the
grayscale shift register. Therefore, the MSB data of the grayscale shift register appears at the
SOUT
29
25
O
falling edge of SCLK. This function reduces the data shifting errors caused by small timing
margins between SIN and SCLK.
Constant current output. Multiple outputs can be tied together to increase the constant current
OUT0
5
1
O
capability. Different voltages can be applied to each output.
OUT1
6
2
O
Constant current output
OUT2
7
3
O
Constant current output
OUT3
8
4
O
Constant current output
OUT4
9
5
O
Constant current output
OUT5
10
6
O
Constant current output
OUT6
11
7
O
Constant current output
OUT7
12
8
O
Constant current output
OUT8
13
9
O
Constant current output
OUT9
14
10
O
Constant current output
OUT10
15
11
O
Constant current output
OUT11
16
12
O
Constant current output
OUT12
17
13
O
Constant current output
OUT13
18
14
O
Constant current output
OUT14
19
15
O
Constant current output
OUT15
20
16
O
Constant current output
OUT16
21
17
O
Constant current output
OUT17
22
18
O
Constant current output
OUT18
23
19
O
Constant current output
OUT19
24
20
O
Constant current output
OUT20
25
21
O
Constant current output
OUT21
26
22
O
Constant current output
OUT22
27
23
O
Constant current output
OUT23
28
24
O
Constant current output
VCC
32
28
—
Power-supply voltage
GND
1
29
—
Power ground
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TLC5947



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com