Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5437AIPN Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5437AIPN
Description  MIXED SIGNAL MICROCONTROLLER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5437AIPN Datasheet(HTML) 39 Page - Texas Instruments

Back Button MSP430F5437AIPN Datasheet HTML 35Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 36Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 37Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 38Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 39Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 40Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 41Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 42Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
MSP430F543x, MSP430F541x
MSP430F543xA, MSP430F541xA
www.ti.com.......................................................................................................................................................................................... SLAS612 – SEPTEMBER 2008
Active Mode Supply Current Into VCC Excluding External Current (continued)
over recommended operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
PMMCOREVx = 0,
VCC = 3 V
0.17
A versions only
fDCO = fMCLK = fSMCLK = 1 MHz,
fACLK = 32768 Hz
PMMCOREVx = 1,
IAM, 1MHz
Program executes in RAM,
VCC = 3 V
–40°C to 85°C
0.19
mA
XTS = 0, CPUOFF = 0, SCG0 = 0, SCG1 = 0,
A versions only
OSCOFF = 0
PMMCOREVx = 2,
VCC = 3 V
0.20
0.29
All versions
PMMCOREVx = 0,
VCC = 3 V
0.49
A versions only
fDCO = fMCLK = fSMCLK = 4 MHz,
fACLK = 32768 Hz
PMMCOREVx = 1,
IAM, 4MHz
Program executes in RAM,
VCC = 3 V
–40°C to 85°C
0.56
mA
XTS = 0, CPUOFF = 0, SCG0 = 0, SCG1 = 0,
A versions only
OSCOFF = 0
PMMCOREVx = 2,
VCC = 3 V
0.60
0.72
All versions
PMMCOREVx = 0,
VCC = 3 V
0.95
A versions only
fDCO = fMCLK = fSMCLK = 8 MHz,
fACLK = 32768 Hz
PMMCOREVx = 1,
IAM, 8MHz
Program executes in RAM,
VCC = 3 V
–40°C to 85°C
1.10
mA
XTS = 0, CPUOFF = 0, SCG0 = 0, SCG1 = 0,
A versions only
OSCOFF = 0
PMMCOREVx = 2,
VCC = 3 V
1.12
1.27
All versions
PMMCOREVx = 1,
fDCO = fMCLK = fSMCLK = 16 MHz,
VCC = 3 V
2.10
fACLK = 32768 Hz
A versions only
IAM, 16MHz
Program executes in RAM,
–40°C to 85°C
mA
PMMCOREVx = 2,
XTS = 0, CPUOFF = 0, SCG0 = 0, SCG1 = 0,
VCC = 3 V
2.20
2.60
OSCOFF = 0
All versions
fDCO = fMCLK = fSMCLK = 25 MHz,
fACLK = 32768 Hz
PMMCOREVx = 2,
IAM, 25MHz
Program executes in RAM,
VCC = 3 V
–40°C to 85°C
3.95
mA
A versions only
XTS = 0, CPUOFF = 0, SCG0 = 0, SCG1 = 0,
A versions only
OSCOFF = 0
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com