Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP102 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMP102
Description  Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP102 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP102 Datasheet HTML 7Page - Texas Instruments TMP102 Datasheet HTML 8Page - Texas Instruments TMP102 Datasheet HTML 9Page - Texas Instruments TMP102 Datasheet HTML 10Page - Texas Instruments TMP102 Datasheet HTML 11Page - Texas Instruments TMP102 Datasheet HTML 12Page - Texas Instruments TMP102 Datasheet HTML 13Page - Texas Instruments TMP102 Datasheet HTML 14Page - Texas Instruments TMP102 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
SMBus ALERT FUNCTION
HIGH-SPEED (Hs) MODE
TIMEOUT FUNCTION
NOISE
GENERAL CALL
TMP102
SCL
SDA
GND
V+
ALERT
ADD0
C
F
10nF
³
R
F
5k
£
W
SupplyVoltage
TMP102
www.ti.com ............................................................................................................................................... SBOS397B – AUGUST 2007 – REVISED OCTOBER 2008
The TMP102 supports the SMBus Alert function.
In order for the two-wire bus to operate at frequencies
When the TMP102 operates in Interrupt mode (TM =
above 400kHz, the master device must issue an
'1'), the ALERT pin may be connected as an SMBus
Hs-mode master code (00001xxx) as the first byte
Alert signal. When a master senses that an ALERT
after a START condition to switch the bus to
condition is present on the ALERT line, the master
high-speed
operation.
The
TMP102
does
not
sends an SMBus Alert command (00011001) to the
acknowledge this byte, but switches its input filters on
bus.
If
the
ALERT
pin
is
active,
the
device
SDA and SCL and its output filters on SDA to operate
acknowledges
the
SMBus
Alert
command
and
in Hs-mode, allowing transfers at up to 3.4MHz. After
responds by returning its slave address on the SDA
the Hs-mode master code has been issued, the
line. The eighth bit (LSB) of the slave address byte
master transmits a two-wire slave address to initiate a
indicates if the ALERT condition was caused by the
data transfer operation. The bus continues to operate
temperature exceeding THIGH or falling below TLOW.
in Hs-mode until a STOP condition occurs on the bus.
For POL = '0', this bit is low if the temperature is
Upon receiving the STOP condition, the TMP102
greater than or equal to THIGH; this bit is high if the
switches
the
input
and
output
filters
back
to
temperature is less than TLOW. The polarity of this bit
fast-mode operation.
is inverted if POL = '1'. Refer to Figure 15 for details
of this sequence.
If multiple devices on the bus respond to the SMBus
The TMP102 resets the serial interface if SCL is held
Alert command, arbitration during the slave address
low for 30ms (typ). The TMP102 releases the bus if it
portion of the SMBus Alert command determines
is pulled low and waits for a START condition. To
which device will clear its ALERT status. The device
avoid activating the timeout function, it is necessary
with the lowest two-wire address wins the arbitration.
to maintain a communication speed of at least 1kHz
If the TMP102 wins the arbitration, its ALERT pin
for SCL operating frequency.
becomes inactive at the completion of the SMBus
Alert command. If the TMP102 loses the arbitration,
its ALERT pin remains active.
The TMP102 is a very low-power device and
generates very low noise on the supply bus. Applying
an RC filter to the V+ pin of the TMP102 can further
The TMP102 responds to a two-wire General Call
reduce any noise the TMP102 might propagate to
address (0000000) if the eighth bit is '0'. The device
other components. RF in Figure 11 should be less
acknowledges
the
General
Call
address
and
than 5k
Ω and CF should be greater than 10nF.
responds to commands in the second byte. If the
second byte is 00000110, the TMP102 internal
registers are reset to power-up values. The TMP102
does not support the General Address acquire
command.
Figure 11. Noise Reduction
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TMP102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com