Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM335 Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 86 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 82Page - Texas Instruments TMS320DM335 Datasheet HTML 83Page - Texas Instruments TMS320DM335 Datasheet HTML 84Page - Texas Instruments TMS320DM335 Datasheet HTML 85Page - Texas Instruments TMS320DM335 Datasheet HTML 86Page - Texas Instruments TMS320DM335 Datasheet HTML 87Page - Texas Instruments TMS320DM335 Datasheet HTML 88Page - Texas Instruments TMS320DM335 Datasheet HTML 89Page - Texas Instruments TMS320DM335 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 158 page
background image
3.12.1 Boot Modes Overview
TMS320DM335
Digital Media System-on-Chip (DMSoC)
SPRS528A – JULY 2008 – REVISED AUGUST 2008
www.ti.com
DM335’s ARM ROM boot loader (RBL) executes when the BOOTSEL[1:0] pins indicate a condition other
than the normal ARM EMIF boot.
• If BTSEL[1:0] = 01 - Asynchronous EMIF (AEMIF) boot. This mode is handled by hardware control and
does not involve the ROM. In the case of OneNAND, the user is responsible for putting any necessary
boot code in the OneNAND's boot page. This code shall configure the AEMIF module for the
OneNAND device. After the AEMIF module is configured, booting will continue immediately after the
OneNAND’s boot page with the AEMIF module managing pages thereafter.
• The RBL supports 3 distinct boot modes:
–
BTSEL[1:0] = 00 - ARM NAND Boot
–
BTSEL[1:0] = 10 - ARM MMC/SD Boot
–
BTSEL[1:0] = 11 - ARM UART Boot
• If NAND boot fails, then MMC/SD mode is tried.
• If MMC/SD boot fails, then MMC/SD boot is tried again.
• If UART boot fails, then UART boot is tried again.
• RBL uses GIO61 to indicate boot status (can use to blink LED):
–
After reset, GIO61 is initially driven low (e.g LED off)
–
If NAND boot fails and then MMC/SD boot fails, then GIO61 shall toggle at 4Hz while MMC/SD
boot is retried.
–
If MMC/SD boot fails, then GIO61 shall toggle at 4Hz while MMC/SD boot is retried
–
If UART boot fails, then GIO61 shall toggle at 2Hz while UART boot is retried
–
When boot is successful, just before program control is given to UBL, GIO61 is driven high (e.g.
LED on)
–
DM335 Timer0 shall be used to accurately toggle GIO61 at 4Hz and 2Hz
• ARM ROM Boot - NAND Mode
–
No support for a full firmware boot. Instead, copies a second stage user boot loader (UBL) from
NAND flash to ARM internal RAM (AIM) and transfers control to the user-defined UBL.
–
Support for NAND with page sizes up to 2048 bytes.
–
Support for magic number error detection and retry (up to 24 times) when loading UBL
–
Support for up to 30KB UBL (32KB IRAM - ~2KB for RBL stack)
–
Optional, user-selectable, support for use of DMA and I-cache during RBL execution (i.e.,while
loading UBL)
–
Supports booting from 8-bit NAND devices (16-bit NAND devices are not supported)
–
Supports 4-bit ECC (1-bit ECC is not supported)
–
Supports NAND flash that requires chip select to stay low during the tR read time
• ARM ROM Boot - MMC/SD Mode
–
No support for a full firmware boot. Instead, copies a second stage User Boot Loader (UBL) from
MMC/SD to ARM Internal RAM (AIM) and transfers control to the user software.
–
Support for MMC/SD Native protocol (MMC/SD SPI protocol is not supported)
–
Support for descriptor error detection and retry (up to 24 times) when loading UBL
–
Support for up to 30KB UBL (32KB - ~2KB for RBL stack)
• ARM ROM Boot - UART mode
–
No support for a full firmware boot. Instead, loads a second stage user boot loader (UBL) via UART
to ARM internal RAM (AIM) and transfers control to the user software.
–
Support for up to 30KB UBL (32KB - ~2KB for RBL stack)
The general boot sequence is shown in Figure 3-6. For more information, refer to the TMS320DM335
Digital Media System-on-Chip (DMSoC) ARM Subsystem Reference Guide (literature number SPRUFX7).
Detailed Device Description
86
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com