Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

05H2 Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # 05H2
Description  SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

05H2 Datasheet(HTML) 3 Page - Rectron Semiconductor

  05H2 Datasheet HTML 1Page - Rectron Semiconductor 05H2 Datasheet HTML 2Page - Rectron Semiconductor 05H2 Datasheet HTML 3Page - Rectron Semiconductor 05H2 Datasheet HTML 4Page - Rectron Semiconductor 05H2 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE, (V)
1
0
12
9
6
3
15
18
21
0.1
0.01
0.001
1.0
10
10
20
5
2
50
100
1.4
1.2
1.0
0.8
0.6
0.4
0
0.2
1.6 1.8
RATING AND CHARACTERISTICS CURVES ( 05H1 THRU 05H6 )
FIG.4 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.5 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
REVERSE VOLTAGE, (V)
4
6
40
20
10
60
200
100
0.2
0.1
2
1
0.4
2
1.0
4
10
20
40
100
FIG.6 TYPICAL JUNCTION CAPACITANCE
Pulse Width=300mS
1% Duty Cycle
TJ = 25 OC
8.3ms Single Half Sine-Wave
(JEDED Method)
TJ = 25 OC
05H1~
05H5
05H6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com