Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4S009 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4S009
Description  4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD4S009 Datasheet(HTML) 2 Page - Texas Instruments

  TPD4S009 Datasheet HTML 1Page - Texas Instruments TPD4S009 Datasheet HTML 2Page - Texas Instruments TPD4S009 Datasheet HTML 3Page - Texas Instruments TPD4S009 Datasheet HTML 4Page - Texas Instruments TPD4S009 Datasheet HTML 5Page - Texas Instruments TPD4S009 Datasheet HTML 6Page - Texas Instruments TPD4S009 Datasheet HTML 7Page - Texas Instruments TPD4S009 Datasheet HTML 8Page - Texas Instruments TPD4S009 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
D1+
D1–
GND
V
CC
D2+
D2–
TPD4S009
TPD4S010
SLVS817A – MAY 2008 – REVISED OCTOBER 2008 ....................................................................................................................................................... www.ti.com
ORDERING INFORMATION
ORDERABLE
TOP-SIDE
TA
PACKAGE(1)(2)
NOMINAL DIMENSIONS (mm)
PART NUMBER
MARKING(3)
Reel of
MSOP – DGS
W = 4.9, L = 3, H < 1.1, Pitch = 0.5
TPD4S009DGSR
PREVIEW
3000
Reel of
SON – DQA
W = 1, L = 2.5, H < 1.1, Pitch = 0.5
TPD4S010DQAR
PREVIEW
3000
Reel of
–40°C to 85°C
SON – DRY
W = 1, L = 1.45, H = 0.55, Pitch = 0.5
TPD4S009DRYR
3H
5000
Reel of
SOT (SC-70) – DCK
W = 2.1, L = 2, H = 0.95, Pitch = 0.65
TPD4S009DCKR
3H_
3000
Reel of
SOT (SOT-23) – DBV
W = 2.9, L = 2.8, H < 1.45, Pitch = 0.95
TPD4S009DBVR
NFJK
3000
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(3)
DCK: The actual top-side marking has one additional character that designates assembly/test site.
CIRCUIT DIAGRAM
TERMINAL FUNCTIONS
DBV, DCK,
DGS
DQA
OR DRY
NAME
I/O
DESCRIPTION
PIN NO.
PIN NO.
PIN NO.
1, 3,
1, 2,
1, 2,
D1+, D1–,
High-speed ESD clamp provides ESD protection to the
ESD port
4, 6
4, 5
4, 5
D2+, D2–
high-speed differential data lines.
2
3
3, 8
GND
GND
Ground
–
6, 7, 9, 10
6, 7, 9, 10
N.C.
–
Not internally connected
5
8
–
VCC
Pwr
Supply
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPD4S009 TPD4S010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com