Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62290DRVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62290DRVR
Description  1-A Step Down Converter in 2 x 2 SON Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62290DRVR Datasheet(HTML) 4 Page - Texas Instruments

  TPS62290DRVR Datasheet HTML 1Page - Texas Instruments TPS62290DRVR Datasheet HTML 2Page - Texas Instruments TPS62290DRVR Datasheet HTML 3Page - Texas Instruments TPS62290DRVR Datasheet HTML 4Page - Texas Instruments TPS62290DRVR Datasheet HTML 5Page - Texas Instruments TPS62290DRVR Datasheet HTML 6Page - Texas Instruments TPS62290DRVR Datasheet HTML 7Page - Texas Instruments TPS62290DRVR Datasheet HTML 8Page - Texas Instruments TPS62290DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.ti.com
PIN ASSIGNMENTS
DRV PACKAGE
(TOPVIEW)
MODE
FB
GND
SW
EN
VIN
1
2
3
6
5
4
r
Po
w
e
P
A
D
FUNCTIONAL BLOCK DIAGRAM
Zero-Pole
AMP.
Integrator
Error Amp
PFMComp .
+1% Voltagepositioning
PWM
Comp .
VREF
Control
Stage
GateDriver
Anti
Shoot-Through
Current
LimitComparator
Current
LimitComparator
VREF+1%
FB
FB
VIN
GND
MODE
SW
1
EN
VIN
Softstart
VOUT RAMP
CONTROL
Thermal
Shutdown
Reference
0.6VVREF
Undervoltage
Lockout1.8V
Limit
HighSide
Limit
LowSide
Sawtooth
Generator
Int. Resistor
Network
FB
RI1
RI..N
Mode
GND
2.25MHz
Oscillator
TPS62290, TPS62291, TPS62293
SLVS764C – JUNE 2007 – REVISED MARCH 2008
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
VIN
5
PWR
VIN power supply pin.
GND
6
PWR
GND supply pin
This is the enable pin of the device. Pulling this pin to low forces the device into shutdown mode. Pulling
EN
4
I
this pin to high enables the device. This pin must be terminated.
This is the switch pin and is connected to the internal MOSFET switches. Connect the external inductor
SW
1
OUT
between this terminal and the output capacitor.
Feedback Pin for the internal regulation loop. Connect the external resistor divider to this pin. In case of
FB
3
I
fixed output voltage option, connect this pin directly to the output capacitor
MODE pin = high forces the device to operate in fixed-frequency PWM mode. Mode pin = low enables
MODE
2
I
the Power Save Mode with automatic transition from PFM mode to fixed-frequency PWM mode.
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS62290 TPS62291 TPS62293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com