Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT16652CTPVC/PVCT Datasheet(PDF) 5 Page - Texas Instruments

Part # CY74FCT16652CTPVC/PVCT
Description  16-Bit Registered Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT16652CTPVC/PVCT Datasheet(HTML) 5 Page - Texas Instruments

  CY74FCT16652CTPVC/PVCT Datasheet HTML 1Page - Texas Instruments CY74FCT16652CTPVC/PVCT Datasheet HTML 2Page - Texas Instruments CY74FCT16652CTPVC/PVCT Datasheet HTML 3Page - Texas Instruments CY74FCT16652CTPVC/PVCT Datasheet HTML 4Page - Texas Instruments CY74FCT16652CTPVC/PVCT Datasheet HTML 5Page - Texas Instruments CY74FCT16652CTPVC/PVCT Datasheet HTML 6Page - Texas Instruments CY74FCT16652CTPVC/PVCT Datasheet HTML 7Page - Texas Instruments CY74FCT16652CTPVC/PVCT Datasheet HTML 8Page - Texas Instruments CY74FCT16652CTPVC/PVCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CY74FCT16652T
CY74FCT162652T
5
DC Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions[5]
Min.
Typ.[6]
Max.
Unit
VIH
Input HIGH Voltage
Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Logic LOW Level
0.8
V
VH
Input Hysteresis
100
mV
VIK
Input Clamp Diode Voltage
VCC=Min., IIN=−18 mA
−0.7
−1.2
V
IIH
Input HIGH Current
VCC=Max., VI=VCC
±1
µA
IIL
Input LOW Current
VCC=Max., VI=GND
±1
µA
IOZH
High Impedance Output
Current
(Three-State Output pins)
VCC=Max., VOUT=2.7V
±1
µA
IOZL
High Impedance Output
Current
(Three-State Output pins)
VCC=Max., VOUT=0.5V
±1
µA
IOS
Short Circuit Current[8]
VCC=Max., VOUT=GND
−80
−140
−200
mA
IO
Output Drive Current[8]
VCC=Max., VOUT=2.5V
−50
−180
mA
IOFF
Power-Off Disable
VCC=0V, VOUT≤4.5V
[7]
±1
µA
Output Drive Characteristics for CY74FCT16652T
Parameter
Description
Test Conditions[5]
Min.
Typ.[6]
Max.
Unit
VOH
Output HIGH Voltage
VCC=Min., IOH=−3 mA
2.5
3.5
V
VCC=Min., IOH=−15 mA
2.4
3.5
VCC=Min., IOH=−32 mA
2.0
3.0
VOL
Output LOW Voltage
VCC=Min., IOL=64 mA
0.2
0.55
V
Output Drive Characteristics for CY74FCT162652T
Parameter
Description
Test Conditions[5]
Min.
Typ.[6]
Max.
Unit
IODL
Output LOW Current[8]
VCC=5V, VIN=VIH or VIL, VOUT=1.5V
60
115
150
mA
IODH
Output HIGH Current[8]
VCC=5V, VIN=VIH or VIL, VOUT=1.5V
−60
−115
−150
mA
VOH
Output HIGH Voltage
VCC=Min., IOH=−24 mA
2.4
3.3
V
VOL
Output LOW Voltage
VCC=Min., IOL=24 mA
0.3
0.55
V
Capacitance (TA = +25˚C, f = 1.0 MHz)
Parameter
Description[10]
Test Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
4.5
6.0
pF
COUT
Output Capacitance
VOUT = 0V
5.5
8.0
pF
Notes:
5.
For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
6.
Typical values are at VCC=5.0V, +25°C ambient.
7.
Tested at TA= +25°C.
8.
Not more than one output should be tested at one time. Duration of the test should not exceed one second.
9.
Duration of the condition cannot exceed one second.
10. This parameter is measured at characterization but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com