Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2W005G Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 2W005G
Description  Glass Passivated Single-Phase Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2W005G Datasheet(HTML) 2 Page - Vishay Siliconix

  2W005G Datasheet HTML 1Page - Vishay Siliconix 2W005G Datasheet HTML 2Page - Vishay Siliconix 2W005G Datasheet HTML 3Page - Vishay Siliconix 2W005G Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2W005G thru 2W10G
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88528
Revision: 15-Apr-08
2
Note:
(1) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5 mm) lead length P.C.B. mounting
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST
CONDITIONS
SYMBOL 2W005G
2W01G
2W02G
2W04G
2W06G
2W08G
2W10G
UNIT
Maximum
instantaneous forward
voltage drop per diode
2.0 A
VF
1.1
V
Maximum DC reverse
current at rated DC
blocking voltage per diode
TA = 25 °C
TA = 125 °C
IR
5.0
500
µA
Typical junction
capacitance per diode
4.0 V, 1 MHz
CJ
40
20
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL 2W005G
2W01G
2W02G
2W04G
2W06G
2W08G
2W10G
UNIT
Typical thermal resistance (1)
RθJA
RθJL
40
15
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
2W06G-E4/51
1.12
51
100
Plastic bag
Figure 1. Derating Curve Output Rectified Current
0
25
50
75
100
125
150
0
0.4
0.8
1.2
1.6
2.0
2.4
5.0
10
20
=
I(pk)
I(AV)
60 Hz
Resistive or
Inductive Load
Capacitive Load
(per Leg)
Ambient Temperature (°C)
Copper Pads
0.22 x 0.22"
(5.5 x 5.5 mm)
P.C.B.
0.375"
(9.5 mm)
Figure 2. Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
0
10
20
40
50
60
30
100
10
1
T
A = 25 °C
Single Sine-Wave
Number of Cycles at 60 Hz
1.0 Cycle



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com