Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6CWH02FN Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 6CWH02FN
Description  Ultrafast Rectifier, 2 x 3 A FRED PtTM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6CWH02FN Datasheet(HTML) 1 Page - Vishay Siliconix

  6CWH02FN Datasheet HTML 1Page - Vishay Siliconix 6CWH02FN Datasheet HTML 2Page - Vishay Siliconix 6CWH02FN Datasheet HTML 3Page - Vishay Siliconix 6CWH02FN Datasheet HTML 4Page - Vishay Siliconix 6CWH02FN Datasheet HTML 5Page - Vishay Siliconix 6CWH02FN Datasheet HTML 6Page - Vishay Siliconix 6CWH02FN Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94550
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 21-Jul-08
1
Ultrafast Rectifier,
2 x 3 A FRED PtTM
6CWH02FNPbF
Vishay High Power Products
FEATURES
• Ultrafast recovery time
• Low forward voltage drop
• Low leakage current
• 175 °C operating junction temperature
• Lead (Pb)-free ("PbF" suffix)
• Designed and qualified for Q101 level
DESCRIPTION/APPLICATIONS
Vishay HPP´s 200 V series are the state of the art hyperfast
recovery rectifiers specifically designed with optimized
performance of forward voltage drop and hyperfast recovery
time.
The planar structure and the platinum doped life time
control,
guarantee
the
best
overall
performance,
ruggedness and reliability characteristics.
These
devices are
intended for use in the output
rectification stage of SMPS, UPS, dc-to-dc converters as
well as freewheeling diode in low voltage inverters and
chopper motor drives.
Their extremely optimized stored charge and low recovery
current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
PRODUCT SUMMARY
trr
25 ns
IF(AV)
2 x 3 A
VR
200 V
Anode
1
3
4
Anode
2
Base
common
cathode
Common
cathode
D-PAK
RoHS
COMPLIANT
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Peak repetitive reverse voltage
VRRM
200
V
Average rectified forward current per device
IF(AV)
Total device, rated VR, TC = 159 °C
6
A
Non-repetitive peak surge current
IFSM
50
Peak repetitive forward current per diode
IFM
Rated VR , square wave, 20 kHz, TC = 159 °C
6
Operating junction and storage temperatures
TJ, TStg
- 65 to 175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 µA
200
-
-
V
Forward voltage
VF
IF = 3 A
-
-
1
IF = 3 A, TJ = 125 °C
-
-
0.9
IF = 6 A
-
-
1.2
IF = 6 A, TJ = 125 °C
-
-
1.08
Reverse leakage current
IR
VR = VR rated
-
-
5
µA
TJ = 125 °C, VR = VR rated
-
-
100
Junction capacitance
CT
VR = 200 V
-
12
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
8.0
-
nH


Similar Part No. - 6CWH02FN

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
6CWH02FN ISC-6CWH02FN Datasheet
276Kb / 2P
Ultrafast Rectifier
logo
Vishay Siliconix
6CWH02FNPBF VISHAY-6CWH02FNPBF Datasheet
150Kb / 8P
Ultrafast Rectifier, 2 x 3 A FRED Pt®
13-Jan-11
6CWH02FNPBF VISHAY-6CWH02FNPBF_12 Datasheet
150Kb / 8P
Ultrafast Rectifier, 2 x 3 A FRED Pt®
13-Jan-11
6CWH02FNTRLPBF VISHAY-6CWH02FNTRLPBF Datasheet
150Kb / 8P
Ultrafast Rectifier, 2 x 3 A FRED Pt®
13-Jan-11
6CWH02FNTRPBF VISHAY-6CWH02FNTRPBF Datasheet
150Kb / 8P
Ultrafast Rectifier, 2 x 3 A FRED Pt®
13-Jan-11
More results

Similar Description - 6CWH02FN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16CTU04PBF VISHAY-16CTU04PBF_08 Datasheet
119Kb / 7P
Ultrafast Rectifier, 2 x 8 A FRED PtTM
21-Jul-08
16CTU04S VISHAY-16CTU04S_08 Datasheet
125Kb / 7P
Ultrafast Rectifier, 2 x 8 A FRED PtTM
08-Sep-08
70CRU04 VISHAY-70CRU04 Datasheet
115Kb / 6P
Ultrafast Rectifier, 2 x 35 A FRED PtTM
28-Jul-08
70CRU04PBF VISHAY-70CRU04PBF Datasheet
122Kb / 6P
Ultrafast Rectifier, 2 x 35 A FRED PtTM
21-Jul-08
30CPH03 VISHAY-30CPH03 Datasheet
114Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
28-Jul-08
30CPH03PBF VISHAY-30CPH03PBF Datasheet
113Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
21-Jul-08
30CPU04 VISHAY-30CPU04 Datasheet
120Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
28-Jul-08
30CPU04PBF VISHAY-30CPU04PBF Datasheet
122Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
21-Jul-08
MURB2020CTPBF VISHAY-MURB2020CTPBF Datasheet
121Kb / 7P
Ultrafast Rectifier, 2 x 10 A FRED PtTM
05-Sep-08
MURD620CTPBF VISHAY-MURD620CTPBF Datasheet
116Kb / 7P
Ultrafast Rectifier, 2 x 3 A FRED PtTM
21-Jul-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com