Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD230 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TD230
Description  ELECTRONIC CIRCUIT BREAKER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD230 Datasheet(HTML) 1 Page - STMicroelectronics

  TD230 Datasheet HTML 1Page - STMicroelectronics TD230 Datasheet HTML 2Page - STMicroelectronics TD230 Datasheet HTML 3Page - STMicroelectronics TD230 Datasheet HTML 4Page - STMicroelectronics TD230 Datasheet HTML 5Page - STMicroelectronics TD230 Datasheet HTML 6Page - STMicroelectronics TD230 Datasheet HTML 7Page - STMicroelectronics TD230 Datasheet HTML 8Page - STMicroelectronics TD230 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TD230
ELECTRONIC CIRCUIT BREAKER
October 1998
®
.
TWO N-CHANNEL MOSFETs CONTROL AND
DUAL INDEPENDANT CURRENT SUPERVI-
SION FOR OVER CURRENT PROTECTION
.
DUAL SUPPLY OPERATION
.
FROM +3/-5 TO +18/-18V OPERATING VOLT-
AGE
.
STEP-UP CONVERTER : VCC +13.5V OUTPUT
VOLTAGE
.
ADJ U ST ABLE
PR OT EC TI ON
M OD E
(CTRIP1/2)
.
INHIBIT FUNCTION
.
SHUTDOWN OUTPUT STATUS
.
FEW EXTERNAL COMPONENTS
DESCRIPTION
The TD230 is designed to control two N-channel
MOSFETs used as power switches in circuit break-
ing applications.
Its current supervision and immediate action on the
switches ensure high security for the boards and
the supplies thus protected against short-circuit or
over current.
In case of short-circuit or over current detection, the
TD230 immediately switches off the corresponding
MOSFET, thus disconnecting the board from the
supply. After several automatic restart attempts, a
definitive shutdown of the circuit is done if the
shortcircuit or over current persists over an exter-
nally adjustable time, until the TD230 is reset by
temporary INHIBIT signal or temporary switching
off of the power supply (hot disconnection/recon-
nection).
If the board is disconnected from the positive sup-
ply by the TD230 it will automatically be disjoncted
from the negative supply too.
TD230 integrates an induction step-up converter
that provides 13.5V above the positive rail to drive
the high side MOSFET.
1
2
3
4
5
6
7
9
10
11
12
13
14
8
15
16
PVcc
LBOOS T
CBO OST
PM1
GND
PM2
OS CGND
NVcc
REF1
GC1
S ENSP
INHIBIT
SHUTDOWN
SENS N
GC2
REF2
PIN CONNECTIONS
ORDER CODES
Part Number
Temperature
Range
Package
ND
TD230I
-40
oC, +125oC
••
N
DIP16
(Plastic Package)
D
SO16
(Plastic Micropackage)


Similar Part No. - TD230

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TD231 ETC-TD231 Datasheet
484Kb / 6P
Technical Specifications for 5 kA, Normal-Duty Distribution 4.5 kV and 5 kV VariSTAR MOV Disks
More results

Similar Description - TD230

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1153 LINER-LTC1153 Datasheet
342Kb / 16P
Auto-Reset Electronic Circuit Breaker
logo
STMicroelectronics
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
ELECTRONIC CIRCUIT BREAKER
May-2000
logo
Linear Technology
LTC1153 LINER-LTC1153_15 Datasheet
295Kb / 16P
Auto-Reset Electronic Circuit Breaker
LTC4213 LINER-LTC4213_15 Datasheet
190Kb / 20P
Electronic Circuit Breaker
logo
ETAL Group
EBU10 ETAL-EBU10 Datasheet
1Mb / 6P
Electronic circuit breaker EBU
logo
Analog Devices
LTC4213 AD-LTC4213 Datasheet
650Kb / 22P
No RSENSE??Electronic Circuit Breaker
12/21-REV.A
logo
PHOENIX CONTACT
103906 PHOENIX-103906 Datasheet
625Kb / 12P
Electronic miniature circuit-breaker
09/2009
102898 PHOENIX-102898 Datasheet
846Kb / 10P
Electronic circuit breaker
2010-12-17
102899 PHOENIX-102899 Datasheet
895Kb / 10P
Electronic circuit breaker
2010-12-17
103057 PHOENIX-103057 Datasheet
881Kb / 10P
Electronic circuit breaker
2010-12-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com