Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD310N Datasheet(PDF) 1 Page - STMicroelectronics

Part # TD310N
Description  TRIPLE IGBT/MOS DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD310N Datasheet(HTML) 1 Page - STMicroelectronics

  TD310N Datasheet HTML 1Page - STMicroelectronics TD310N Datasheet HTML 2Page - STMicroelectronics TD310N Datasheet HTML 3Page - STMicroelectronics TD310N Datasheet HTML 4Page - STMicroelectronics TD310N Datasheet HTML 5Page - STMicroelectronics TD310N Datasheet HTML 6Page - STMicroelectronics TD310N Datasheet HTML 7Page - STMicroelectronics TD310N Datasheet HTML 8Page - STMicroelectronics TD310N Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TD310
TRIPLE IGBT/MOS DRIVER
October 1997
IN B
1
2
3
4
5
6
7
9
10
11
12
13
14
CC
V
+
UVLO/S tdby
OUT A
IN A
OA output
8
15
16
IN C
Ena ble
Ala rm
OA input +
OUT B
OUT C
GND
Se ns e -
OA input -
Se ns e +
PIN CONNECTIONS
N
DIP16
(Plastic Package)
.
THREE POWER IGBT/MOS AND PULSE
TRANSFORMER DRIVERS
.
CURRENT SENSE COMPARATOR WITH 1ms
INHIBITION TIME FUNCTION
.
INSTANTANEOUS SIGNAL TRANSMISSION
.
0.6 Amp PER CHANNEL PEAK OUTPUT
CURRENT CAPABILITY
.
LOW OUTPUT IMPEDANCE TYP :
7
Ω at 200mA
.
CMOS/LSTTL COMPATIBLE INVERTING
INPUT WITH HYSTERESIS
.
4V TO 16V SINGLE SUPPLY OPERATION
.
CURRENT AMPLIFIER
.
LOW BIAS CURRENT TYP : 1.5mA
.
ADJUSTABLE UNDERVOLTAGE
LOCKOUT LEVEL
.
STAND-BY MODE
.
DURING POWER UP NO RANDOM OUTPUT
STATE
.
ENHANCED LATCH-UP IMMUNITY
.
CHANNEL PARALLELING CAPABILITY
DESCRIPTION
The TD310 is designed to drive one, two or three
Power IGBT/MOS and has driving capability for
pulse transformer. So it is perfectly suited to inter-
face control IC with Power Switches in low side or
half-bridge configuration.
The typical application shown figure 1 implements
the TD310 in a pulse controlled half-bridge drive.
Positive and negative pulses are applied to the
pulse transformer to charge and discharge the
IGBT/MOS gate capacitance. More sophisticated
secondary circuits provide low impedance gate
drive and short-circuit protection as shown in appli-
cation note n
° AN461.
On Figure 2, TD310 is implemented as a low side
driver in a typical 3 phase motor drive.
Figure 3 presents a general purpose low side gate
drive.
In both case, the current amplifier provides inter-
facing between a sense resistor and an A/D
converter.
D
SO16
(Plastic Micropackage)
ORDER CODES
Part Number
Temperature
Range
Package
ND
TD310I
-40
oC, +125oC
••
1/9


Similar Part No. - TD310N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
TD310N EUPEC-TD310N Datasheet
418Kb / 13P
Netz-Thyristor-Modul Phase Control Thyristor Module
More results

Similar Description - TD310N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6353 STMICROELECTRONICS-L6353 Datasheet
91Kb / 11P
SMART DRIVER FOR POWER MOS & IGBT
Feb-2000
TD300 STMICROELECTRONICS-TD300 Datasheet
135Kb / 8P
15V TRIPLE IGBT/MOS DRIVER
Jun-1998
TD310 STMICROELECTRONICS-TD310_01 Datasheet
132Kb / 9P
TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
Dec-2001
logo
Renesas Technology Corp
RD3CYDT08 RENESAS-RD3CYDT08 Datasheet
97Kb / 7P
IGBT Driver
RD5CYD08 RENESAS-RD5CYD08 Datasheet
100Kb / 8P
IGBT Driver
logo
STMicroelectronics
TD310IN STMICROELECTRONICS-TD310IN Datasheet
138Kb / 9P
TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
Dec-2001
TD310IDT STMICROELECTRONICS-TD310IDT Datasheet
138Kb / 9P
TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
Dec-2001
logo
Renesas Technology Corp
RD5CYD08 RENESAS-RD5CYD08_15 Datasheet
158Kb / 8P
IGBT Driver
logo
Shenzhen Huazhimei Semi...
HM2101B HMSEMI-HM2101B Datasheet
580Kb / 9P
High power MOS tube, IGBT tube gate driver chip
logo
STMicroelectronics
TD310 STMICROELECTRONICS-TD310_V01 Datasheet
136Kb / 9P
TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
Dec-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com