Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD340ID Datasheet(PDF) 17 Page - STMicroelectronics

Part # TD340ID
Description  H-BRIDGE QUAD POWER MOSFET DRIVER FOR DC MOTOR CONTROL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD340ID Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TD340ID Datasheet HTML 13Page - STMicroelectronics TD340ID Datasheet HTML 14Page - STMicroelectronics TD340ID Datasheet HTML 15Page - STMicroelectronics TD340ID Datasheet HTML 16Page - STMicroelectronics TD340ID Datasheet HTML 17Page - STMicroelectronics TD340ID Datasheet HTML 18Page - STMicroelectronics TD340ID Datasheet HTML 19Page - STMicroelectronics TD340ID Datasheet HTML 20Page - STMicroelectronics TD340ID Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
TD340
17/21
PERFORMANCE CURVES (continued) Vbatt= 12V, unless otherwise specified
OSC Output Frequency
High Side Driver output Current (source)
High Side Driver output Current (sink)
Deadtime between High and Low Drivers
Low Side Driver output Current (source)
Low Side Driver output Current (sink)
-50
0
50
100
150
T(
°C)
0.6
0.8
1.0
1.2
1.4
-50
0
50
100
150
T(
°C)
20
40
60
80
100
-50
0
50
100
150
T(
°C)
60
80
100
120
140
-50
0
50
100
150
T(
°C)
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
no load
-50
0
50
100
150
T(
°C)
20
40
60
80
100
-50
0
50
100
150
T(
°C)
60
80
100
120
140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com