Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBUEBT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # EBUEBT
Description  Aluminum Capacitors Axial Non-Polar Capacitor Styles
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EBUEBT Datasheet(HTML) 3 Page - Vishay Siliconix

  EBUEBT Datasheet HTML 1Page - Vishay Siliconix EBUEBT Datasheet HTML 2Page - Vishay Siliconix EBUEBT Datasheet HTML 3Page - Vishay Siliconix EBUEBT Datasheet HTML 4Page - Vishay Siliconix EBUEBT Datasheet HTML 5Page - Vishay Siliconix EBUEBT Datasheet HTML 6Page - Vishay Siliconix EBUEBT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 25117
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 11-Jun-08
3
EBU/EBT
Aluminum Capacitors
Axial Non-Polar Capacitor Styles
Vishay Roederstein
LIFETIME TABLE - EBU Style
IR 100 Hz alternating current [A] at upper category temperature TUC taken from data sheet
I
User current [A]
Ta Ambient temperature of capacitor [°C]
ΔTοSurface temperature rise of capacitor caused by AC load [°C]
L
Lifetime multiplier
INTERRELATION BETWEEN ALTERNATING CURRENT, AMBIENT TEMPERATURE AND LIFETIME
I/IR (FREQUENCY DEPENDENT)
SURFACE
TEMPERATURE
RISE
LIFETIME MULTIPLIER L (depending on I/IR and Ta)
FREQUENCY [Hz]
AMBIENT TEMPERATURE Ta [°C]
50
100
250
500
1000
> 2500
ΔTο [°C]
40
45
50
55
60
65
70
75
80
85
0.19
0.20
0.21
0.22
0.22
0.23
0.1
37
26
19
13
9.3
6.6
4.7
3.3
2.33
1.65
0.37
0.40
0.42
0.43
0.45
0.47
0.5
35
25
18
12
8.8
6.2
4.4
3.1
2.19
1.55
0.56
0.60
0.63
0.65
0.67
0.70
1.2
32
22
16
11
7.9
5.6
3.9
2.8
1.97
1.39
0.75
0.80
0.84
0.86
0.89
0.93
2.1
27
19
14
9.6
6.8
4.8
3.4
2.4
1.71
1.21
0.93
1.00
1.05
1.08
1.11
1.16
3.3
23
16
11
8.0
5.7
4.0
2.8
2.0
1.41
1.00
1.12
1.20
1.26
1.29
1.34
1.40
4.8
18
13
9.0
6.4
4.5
3.2
2.3
1.6
1.31
1.40
1.47
1.51
1.56
1.63
6.5
14
9.7
6.9
4.9
3.4
2.4
1.7
1.49
1.60
1.68
1.73
1.78
1.86
8.4
10
7.1
5.0
3.6
2.5
1.8
combination
1.68
1.80
1.89
1.94
2.00
2.09
11
7.1
5.0
3.5
2.5
not
1.86
2.00
2.10
2.16
2.23
2.33
13
4.8
3.4
permitted
2.05
2.20
2.31
2.37
2.45
2.56
16
3.1
ADDITIONAL ELECTRICAL DATA - EBU AND EBT
PARAMETER
CONDITIONS
VALUE
Current
Leakage current
(Test conditions: UR, 20 °C)
After 5 minutes at UR
IL5 ≤ 0.015 x CR x UR + 10 µA
Resistance
Equivalent series resistance (ESR)
Calculated from tan
δ
max.
ESR = tan
δ/2 πf C
R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com