Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB020GD247JB0W Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EB020GD247JB0W
Description  Aluminum Capacitors Axial Non-Polar Capacitor Styles
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB020GD247JB0W Datasheet(HTML) 2 Page - Vishay Siliconix

  EB020GD247JB0W Datasheet HTML 1Page - Vishay Siliconix EB020GD247JB0W Datasheet HTML 2Page - Vishay Siliconix EB020GD247JB0W Datasheet HTML 3Page - Vishay Siliconix EB020GD247JB0W Datasheet HTML 4Page - Vishay Siliconix EB020GD247JB0W Datasheet HTML 5Page - Vishay Siliconix EB020GD247JB0W Datasheet HTML 6Page - Vishay Siliconix EB020GD247JB0W Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EBU/EBT
Vishay Roederstein
Aluminum Capacitors
Axial Non-Polar Capacitor Styles
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25117
2
Revision: 11-Jun-08
Note
Unless
otherwise
specified,
all
electrical
values
apply
at
Ta = 20 °C, P = 80 to 120 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
EBU 10 µF/40 V, - 10 / + 50 %, Size: 8 mm x 18 mm
Taped ammopack:
Ordering code: MALAEB020FL210GB0W
Taped on reel:
Ordering code: MALAEB020FL210GA0W
Capacitors are sleeve-insulated.
DIMENSIONS in millimeters AND AVAILABLE FORMS
A
L
Ø D
Ø d 0.8
S
F
+
DIMENSIONS in millimeters AND PACKAGING QUANTITIES
CASE SIZE
D x L
MAXIMUM
SIZE
Dmax. x Lmax.
AS
F
min.
PACKAGING QUANTITIES
ENDING OF ORDERING CODE
TAPED AMMO
TAPED ON REEL
CODE
PCS.
CODE
PCS.
8 x 18
8.5 x 18.5
73.5 ± 1.6
10 ± 0.4
25
...B0W
500
...A0W
500
10 x 18
10.5 x 18.5
73.5 ± 1.6
15 ± 0.75
25
...B0W
500
...A0W
500
10 x 25
10.5 x 25
73.5 ± 1.6
15 ± 0.75
30
...B0W
500
...A0W
500
ELECTRICAL DATA - EBU STYLE
SYMBOL
DESCRIPTION
UR
rated voltage
CR
rated capacitance at 100 Hz
tan
δ
max. dissipation factor at 100 Hz
RESR
equivalent series resistance at 100 Hz, calculated
from tan
δ
max. and CR
Z
impedance at 10 kHz
IR
rated alternating current (rms) at 100 Hz and TUC
TUC
upper category temperature
Ta
ambient temperature
ELECTRICAL DATA AND ORDERING INFORMATION - EBU
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
tan
δ
100 Hz
max.
RESR
100 Hz
(
Ω)
Z
10 kHz
max.
(
Ω)
IR
100 Hz
TUC, 125 °C
(mA)
WEIGHT
(g)
ORDERING
NUMBER
MALA...
16
47
8 x 18
0.20
6.78
2.77
0.11
2.0
EB020FL247DB0W
100
10 x 18
0.16
2.55
1.30
0.18
3.0
EB020GL310DB0W
220
10 x 25
0.16
1.16
0.59
0.27
3.5
EB020GD322DB0W
40
10
8 x 18
0.12
19.10
7.50
0.05
2.0
EB020FL210GB0W
22
8 x 18
0.12
8.69
3.41
0.09
2.0
EB020FL222GB0W
47
10 x 18
0.12
4.07
1.60
0.15
3.0
EB020GL247GB0W
100
10 x 25
0.12
1.91
0.75
0.21
3.5
EB020GD310GB0W
63
10
8 x 18
0.10
15.90
5.50
0.07
2.0
EB020FL210JB0W
22
10 x 18
0.08
5.79
2.50
0.11
3.0
EB020GL222JB0W
47
10 x 25
0.08
2.71
1.17
0.19
3.5
EB020GD247JB0W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com