Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALSECV00AG247HARK Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MALSECV00AG247HARK
Description  Aluminum Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALSECV00AG247HARK Datasheet(HTML) 1 Page - Vishay Siliconix

  MALSECV00AG247HARK Datasheet HTML 1Page - Vishay Siliconix MALSECV00AG247HARK Datasheet HTML 2Page - Vishay Siliconix MALSECV00AG247HARK Datasheet HTML 3Page - Vishay Siliconix MALSECV00AG247HARK Datasheet HTML 4Page - Vishay Siliconix MALSECV00AG247HARK Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 25003
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 13-Nov-08
283
Aluminum Capacitors
ECV
Vishay Roederstein
FEATURES
• Polarized aluminum electrolytic capacitors
• SMD style
• Miniature dimension
• Extended temperature range: 105 °C
• Reflow soldering
• RoHS compliant
APPLICATIONS
• Industrial electronics, automotive electronics,
telecommunication systems
• Smoothing and filtering
• Miniature power supply units, dc-to-dc converters
PACKAGING
• Supplied in blister tape
QUICK REFERENCE DATA
DESCRIPTION
UNIT
VALUE
Nominal case size (Ø D x L)
mm
4 x 5.3 to 12.5 x 13.5
Rated capacitance range CR
µF
10 to 2200
Capacitance tolerance
%
± 20
Rated voltage range
V
6.3 to 50
Category temperature range
°C
- 40 to 105
Load life
h
2000
Based on sectional
specification
IEC 60384-4/
EN130300
Climatic category
IEC 60068
40/105/56
RoHS
COMPLIANT
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
RATED VOLTAGE (V)
6.3
1016
253550
10
→→
4 x 5.3
→
5 x 5.3
6.3 x 5.8
22
→→→
6.3 x 5.8
6.3 x 5.8
8 x 6.2
33
→→
6.3 x 5.8
6.3 x 5.8
8 x 6.2
8 x 10
47
5 x 5.3
→
6.3 x 5.8
8 x 6.2
8 x 10
10 x 10
100
→
6.3 x 5.8
→
8 x 10
→
10 x 10
220
→
8 x 10
10 x 10
→
10 x 10
12.5 x 13.5
330
8 x 10
→
10 x 10
10 x 10
12.5 x 13.5
-
470
→
10 x 10
10 x 10
10 x 10
12.5 x 13.5
-
680
→→→
12.5 x 13.5
-
-
1000
→
10 x 10
12.5 x 13.5
-
-
-
1500
10 x 10
12.5 x 13.5
-
-
-
-
2200
12.5 x 13.5
-
-
-
-
-


Similar Part No. - MALSECV00AG247HARK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALSECA00AD133LARK VISHAY-MALSECA00AD133LARK Datasheet
90Kb / 6P
Aluminum Capacitors
05-Jun-08
MALSECA00AD147LARK VISHAY-MALSECA00AD147LARK Datasheet
90Kb / 6P
Aluminum Capacitors
05-Jun-08
MALSECA00AD210JARK VISHAY-MALSECA00AD210JARK Datasheet
90Kb / 6P
Aluminum Capacitors
05-Jun-08
MALSECA00AE222JARK VISHAY-MALSECA00AE222JARK Datasheet
90Kb / 6P
Aluminum Capacitors
05-Jun-08
MALSECA00AE247FARK VISHAY-MALSECA00AE247FARK Datasheet
90Kb / 6P
Aluminum Capacitors
05-Jun-08
More results

Similar Description - MALSECV00AG247HARK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
630D VISHAY-630D Datasheet
87Kb / 1P
Aluminum Capacitors Electrolytics
17-Feb-03
ECA VISHAY-ECA Datasheet
90Kb / 6P
Aluminum Capacitors
05-Jun-08
ECB VISHAY-ECB Datasheet
86Kb / 5P
Aluminum Capacitors
05-Jun-08
ECL VISHAY-ECL Datasheet
86Kb / 5P
Aluminum Capacitors
17-Jul-08
156PUM-SI VISHAY-156PUM-SI Datasheet
127Kb / 7P
Aluminum Capacitors Aluminum Capacitors
18-Aug-08
ECA VISHAY-ECA_12 Datasheet
92Kb / 6P
Aluminum Capacitors
18-Oct-12
ECL VISHAY-ECL_12 Datasheet
90Kb / 5P
Aluminum Capacitors
18-Oct-12
ECV VISHAY-ECV_12 Datasheet
90Kb / 5P
Aluminum Capacitors
18-Oct-12
logo
Nichicon corporation
UCD1E471MNL1GS NICHICON-UCD1E471MNL1GS Datasheet
59Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
Vishay Siliconix
515D476M050AA6AE3 VISHAY-515D476M050AA6AE3 Datasheet
102Kb / 9P
Aluminum Capacitors
12-Jun-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com