Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1220BK Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA1220BK
Description  AM-FM QUALITY RADIO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1220BK Datasheet(HTML) 1 Page - STMicroelectronics

  TDA1220BK Datasheet HTML 1Page - STMicroelectronics TDA1220BK Datasheet HTML 2Page - STMicroelectronics TDA1220BK Datasheet HTML 3Page - STMicroelectronics TDA1220BK Datasheet HTML 4Page - STMicroelectronics TDA1220BK Datasheet HTML 5Page - STMicroelectronics TDA1220BK Datasheet HTML 6Page - STMicroelectronics TDA1220BK Datasheet HTML 7Page - STMicroelectronics TDA1220BK Datasheet HTML 8Page - STMicroelectronics TDA1220BK Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TDA1220B
AM-FM QUALITY RADIO
The TDA1220B is a monolithic integrated circuit in
a 16-lead dual in-line package.
It is intended for quality receivers produced in large
quantities.
The functions incorporated are:
AM SECTION
– Preamplifier and double balanced mixer
– One pin local oscillator
– IF amplifier with internal AGC
– Detector and audio preamplifier
FM SECTION
– IF amplifier and limiter
– Quadrature detector
– Audio preamplifier
The TDA1220B is suitable up to 30MHz AM and for
FM bands (including 450KHz narrow band) and
features:
– Very constant characteristics (3V to 16V)
– High sensitivity and low noise
– Very low tweet
March 1993
BLOCK DIAGRAM
DIP-16 Plastic
(0.25)
ORDERING NUMBER : TDA 1220BK
– Sensitivity regulation facility (*)
– High recovered audio signal suited for stereo
decoders and radio recorders
– Very simple DC switching of AM-FM
– Low current drain
– AFC facility
(*) Maximum AM sensitivity can be reduced by means of a resistor
(5 to 12K
Ω) between pin 4 and ground.
1/18


Similar Part No. - TDA1220BK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA1236 ETC1-TDA1236 Datasheet
165Kb / 1P
INTEGRATED CIRCUITS FOR TV AND RADIO RECEIVERS
logo
Fairchild Semiconductor
TDA1270 FAIRCHILD-TDA1270 Datasheet
390Kb / 15P
TV VERTICAL DEFLECTION SYSTEMS
More results

Similar Description - TDA1220BK

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2237 NJRC-NJM2237 Datasheet
478Kb / 14P
AM/FM RADIO
NJM2241 NJRC-NJM2241 Datasheet
473Kb / 14P
AM/FM RADIO
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
FM/AM RADIO
CXA1619AM SONY-CXA1619AM Datasheet
193Kb / 11P
FM/AM Radio
CXA1619M SONY-CXA1619M Datasheet
298Kb / 12P
FM/AM Radio
CXA1691AM SONY-CXA1691AM Datasheet
191Kb / 11P
FM/AM Radio
CXA1691BM SONY-CXA1691BM Datasheet
191Kb / 11P
FM/AM Radio
CXA1691M SONY-CXA1691M Datasheet
290Kb / 13P
FM/AM RADIO
CXA1019M SONY-CXA1019M Datasheet
322Kb / 13P
FM/AM Radio
logo
Unisonic Technologies
CXA1191 UTC-CXA1191_15 Datasheet
203Kb / 8P
FM/AM Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com