Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES07B-GS08 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ES07B-GS08
Description  Small Surface Mount Ultrafast Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ES07B-GS08 Datasheet(HTML) 1 Page - Vishay Siliconix

  ES07B-GS08 Datasheet HTML 1Page - Vishay Siliconix ES07B-GS08 Datasheet HTML 2Page - Vishay Siliconix ES07B-GS08 Datasheet HTML 3Page - Vishay Siliconix ES07B-GS08 Datasheet HTML 4Page - Vishay Siliconix ES07B-GS08 Datasheet HTML 5Page - Vishay Siliconix ES07B-GS08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ES07B / ES07D
Document Number 85737
Rev. 1.7, 13-Apr-05
Vishay Semiconductors
www.vishay.com
1
17249
Small Surface Mount Ultrafast Diodes
Features
• For surface mounted applications
• Low profile package
• Ideal for automated placement
• Glass passivated
• High temperature soldering:
260 °C/ 10 seconds at terminals
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Mechanical Data
Case: JEDEC DO-219AB (SMF®) Plastic case
Polarity: Band denotes cathode end
Weight: approx. 15 mg
Packaging codes-options:
GS18 / 10 K per 13" reel (8 mm tape), 50 k/box
GS08 / 3 K per 7" reel (8 mm tape), 30 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Mounted on epoxy glass PCB with 3 x 3 mm, Cu pads (
≥ 40 µm thick)
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Mounted on epoxy glass PCB with 3 x 3 mm, Cu pads (
≥ 40 µm thick)
Part
Ordering code
Marking
Remarks
ES07B
ES07B-GS18 or ES07B-GS08
EB
Tape and Reel
ES07D
ES07D-GS18 or ES07D-GS08
ED
Tape and Reel
Parameter
Test condition
Part
Symbol
Value
Unit
Maximum repetitive peak reverse voltage
ES07B
VRRM
100
V
ES07D
VRRM
200
V
Maximum RMS voltage
ES07B
VRMS
70
V
ES07D
VRMS
140
V
Maximum DC blocking voltage
ES07B
VDC
100
V
ES07D
VDC
200
V
Maximum average forward rectified current
Ttp = 105 °C
IF(AV)
1.2
A
TA = 65 °C
1)
IF(AV)
0.5
A
Peak forward surge current 8.3 ms single
half sine-wave
TL = 25 °C
IFSM
30
A
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air1)
RthJA
180
K/W
Operating junction and storage
temperature range
TJ, TSTG
- 55 to + 150
°C
e3


Similar Part No. - ES07B-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ES07B-GS08 VISHAY-ES07B-GS08 Datasheet
99Kb / 6P
Ultrafast Rectifier Surface Mount
19-Feb-15
More results

Similar Description - ES07B-GS08

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
Surface mount Small Signal Diodes
logo
General Semiconductor
ES07B GE-ES07B Datasheet
30Kb / 1P
Small Surface Mount Ultrafast Rectifiers
logo
Pan Jit International I...
ES1001FL PANJIT-ES1001FL Datasheet
119Kb / 3P
SMALL SURFACE MOUNT ULTRAFAST DIODES
logo
Vishay Siliconix
ES07B VISHAY-ES07B_12 Datasheet
80Kb / 5P
Small Surface Mount Ultrafast Diodes
20-Aug-10
ES07B-M VISHAY-ES07B-M Datasheet
80Kb / 5P
Small Surface Mount Ultrafast Diodes
01-Sep-10
logo
Shenzhen Taychipst Elec...
ES07B TAYCHIPST-ES07B Datasheet
1Mb / 2P
Small Surface Mount Ultrafast Diodes
logo
Vishay Siliconix
S07B VISHAY-S07B Datasheet
135Kb / 6P
Small Surface Mount Diodes
24-Mar-04
logo
SUNMATE electronic Co.,...
U1A SUNMATE-U1A Datasheet
486Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIE DIODES
EGF1A SUNMATE-EGF1A Datasheet
334Kb / 2P
ULTRAFAST SURFACE MOUNT RECTIFIER DIODES
logo
RFE international
MURS460 RFE-MURS460 Datasheet
2Mb / 3P
Surface Mount Ultrafast Rectifier Diodes
14-01-2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com