Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD90N02L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD90N02L
Description  N-channel 25V - 0.0052Ω - 60A - DPAK - IPAK STripFET??III Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD90N02L Datasheet(HTML) 1 Page - STMicroelectronics

  STD90N02L Datasheet HTML 1Page - STMicroelectronics STD90N02L Datasheet HTML 2Page - STMicroelectronics STD90N02L Datasheet HTML 3Page - STMicroelectronics STD90N02L Datasheet HTML 4Page - STMicroelectronics STD90N02L Datasheet HTML 5Page - STMicroelectronics STD90N02L Datasheet HTML 6Page - STMicroelectronics STD90N02L Datasheet HTML 7Page - STMicroelectronics STD90N02L Datasheet HTML 8Page - STMicroelectronics STD90N02L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
November 2007
Rev 4
1/17
17
STD90N02L
STD90N02L-1
N-channel 25V - 0.0052
Ω - 60A - DPAK - IPAK
STripFET™ III Power MOSFET
Features
■ RDS(ON) * Qg industry’s benchmark
■ Conduction losses reduced
■ Switching losses reduced
■ Low threshold device
■ In compliance with the 2002/95/ec european
directive
Application
■ Switching applications
Description
This series of products utilizes the latest
advanced design rules of ST’s proprietary
STripFET™ technology. This is suitable for the
most demanding DC-DC converter application
where high efficiency is to be achieved.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
Max
ID
STD90N02L
25V
<0.006
Ω
60A
STD90N02L-1
25V
<0.006
Ω
60A
DPAK
IPAK
3
2
1
1
3
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STD90N02L-1
D90N02L
IPAK
Tube
STD90N02L
D90N02L
DPAK
Tape & reel
www.st.com


Similar Part No. - STD90N02L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD90N02L STMICROELECTRONICS-STD90N02L Datasheet
805Kb / 17P
N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
03-May-2006
logo
VBsemi Electronics Co.,...
STD90N02L VBSEMI-STD90N02L Datasheet
1,003Kb / 7P
N-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STD90N02L-1 STMICROELECTRONICS-STD90N02L-1 Datasheet
805Kb / 17P
N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
03-May-2006
More results

Similar Description - STD90N02L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD90NH02L STMICROELECTRONICS-STD90NH02L Datasheet
510Kb / 12P
N-CHANNEL 24V - 0.0052 ohm - 60A DPAK/IPAK STripFET™ III POWER MOSFET
Sep-2003
STD60NH03L STMICROELECTRONICS-STD60NH03L Datasheet
534Kb / 12P
N-CHANNEL 30V - 0.0075 W - 60A DPAK/IPAK STripFET III POWER MOSFET
Oct-2003
STD70NH02L STMICROELECTRONICS-STD70NH02L Datasheet
490Kb / 16P
N-CHANNEL 24V - 0.0062 Ohm - 60A IPAK/DPAK STripFET II Power MOSFET
19-Jul-2006
STD100NH02L STMICROELECTRONICS-STD100NH02L Datasheet
474Kb / 12P
N-channel 24V - 0.0042 - 60A - DPAK - IPAK STripFET II Power MOSFET
Sep-2003
STD90NH02L STMICROELECTRONICS-STD90NH02L_06 Datasheet
479Kb / 16P
N-channel 24V - 0.0052ohm - 60A - DPAK/IPAK STripFET TM Power MOSFET
03-Aug-2006
STD60NH03L STMICROELECTRONICS-STD60NH03L_06 Datasheet
503Kb / 16P
N-channel 30V - 0.0075ohm - 60A - DPAK/IPAK STripFET TM III Power MOSFET
19-Jul-2006
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
817Kb / 17P
N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
03-May-2006
STD90N02L STMICROELECTRONICS-STD90N02L Datasheet
805Kb / 17P
N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
03-May-2006
STD70N02L STMICROELECTRONICS-STD70N02L_07 Datasheet
376Kb / 17P
N-channel 25V - 0.0068Ω - 60A - DPAK - IPAK STripFET??III Power MOSFET
25-Oct-2007
STD40N2LH5 STMICROELECTRONICS-STD40N2LH5_09 Datasheet
923Kb / 15P
N-channel 25V, 0.01 OHM, 40A, DPAK, IPAK STripFET V Power MOSFET
10-Sep-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com