Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK28N3LLH5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STK28N3LLH5
Description  N-channel 30 V, 0.0035 Ω, 28 A, PolarPAK® STripFET?줧 Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK28N3LLH5 Datasheet(HTML) 4 Page - STMicroelectronics

  STK28N3LLH5 Datasheet HTML 1Page - STMicroelectronics STK28N3LLH5 Datasheet HTML 2Page - STMicroelectronics STK28N3LLH5 Datasheet HTML 3Page - STMicroelectronics STK28N3LLH5 Datasheet HTML 4Page - STMicroelectronics STK28N3LLH5 Datasheet HTML 5Page - STMicroelectronics STK28N3LLH5 Datasheet HTML 6Page - STMicroelectronics STK28N3LLH5 Datasheet HTML 7Page - STMicroelectronics STK28N3LLH5 Datasheet HTML 8Page - STMicroelectronics STK28N3LLH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STK28N3LLH5
4/13
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 250 µA, VGS= 0
30
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = Max rating,
VDS = Max rating,Tc=125°C
1
10
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ± 22 V
±
100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250 µA
12.5
V
RDS(on)
Static drain-source on
resistance
VGS= 10 V, ID= 14 A
VGS= 4.5 V, ID= 14 A
0.0035
0.0047
0.0045
0.0055
Ω
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS =25 V, f=1 MHz, VGS=0
2300
450
61
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD=15 V, ID = 28 A
VGS =4.5 V
(see Figure 3)
19
TBD
TBD
nC
nC
nC
Qgs1
Qgs2
Pre Vth gate-to-source
charge
Post Vth gate-to-source
charge
VDD=15 V, ID = 28 A
VGS =4.5 V
(see Figure 8)
TBD
TBD
nC
nC
RG
Gate input resistance
f=1 MHz Gate DC Bias = 0
Test signal level = 20 mV
open drain
TBD
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com