Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2003H Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA2003H
Description  10W CAR RADIO AUDIO AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2003H Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA2003H Datasheet HTML 2Page - STMicroelectronics TDA2003H Datasheet HTML 3Page - STMicroelectronics TDA2003H Datasheet HTML 4Page - STMicroelectronics TDA2003H Datasheet HTML 5Page - STMicroelectronics TDA2003H Datasheet HTML 6Page - STMicroelectronics TDA2003H Datasheet HTML 7Page - STMicroelectronics TDA2003H Datasheet HTML 8Page - STMicroelectronics TDA2003H Datasheet HTML 9Page - STMicroelectronics TDA2003H Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Component
Recommmended
value
Purpose
Larger than
recommended value
Smaller than
recommended value C1
C1
2.2
µF
Input DC
decoupling
Noise at switch-on,
switch-off
C2
470
µF
Ripple rejection
Degradation of SVR
C3
0.1
µF
Supply bypassing
Danger of oscillation
C4
1000
µF
Output coupling to load
Higher low frequency
cutoff
C5
0.1
µF
Frequency stability
Danger of oscillation at
high frequencies with
inductive loads
CX
1
2
π BR1
Upper frequency cutoff
Lower bandwidth
Larger bandwidth
R1
(Gv-1)
• R2
Setting of gain
Increase of drain current
R2
2.2
Setting of gain
and SVR
Degradation of SVR
R3
1
Frequency stability
Danger of oscillation at
high frequencies with
inductive loads
RX
≅ 20 R2
Upper frequency cutoff
Poor high frequency
attenuation
Danger of oscillation
PRATICAL CONSIDERATION
Printed circuit board
The layout shown in fig. 17 is recommended. If
different layouts are used, the ground points of
input 1 and input 2 must be well decoupled from
the ground of the output through which a ratherhigh
current flows.
Assembly suggestion
No electrical insulation is required between the
package and the heat-sink.Pin length should be as
short as possible. The soldering temperature must
not exceed 260
°C for 12 seconds.
Application suggestions
The recommended component values are those
shown in the application circuits of fig.16.
Different values can be used. The following table is
intended to aid the car-radio designer.
8/10
TDA2003



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com