Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L55NH3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # L55NH3LL
Description  N-channel 30 V, 0.0079 Ω, 15 A, PowerFLAT??(6x5) ultra low gate charge STripFET™Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L55NH3LL Datasheet(HTML) 1 Page - STMicroelectronics

  L55NH3LL Datasheet HTML 1Page - STMicroelectronics L55NH3LL Datasheet HTML 2Page - STMicroelectronics L55NH3LL Datasheet HTML 3Page - STMicroelectronics L55NH3LL Datasheet HTML 4Page - STMicroelectronics L55NH3LL Datasheet HTML 5Page - STMicroelectronics L55NH3LL Datasheet HTML 6Page - STMicroelectronics L55NH3LL Datasheet HTML 7Page - STMicroelectronics L55NH3LL Datasheet HTML 8Page - STMicroelectronics L55NH3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
May 2008
Rev 3
1/14
14
STL55NH3LL
N-channel 30 V, 0.0079
Ω, 15 A, PowerFLAT™ (6x5)
ultra low gate charge STripFET™ Power MOSFET
Features
Improved die-to-footprint ratio
Very low profile package (1mm max)
Very low thermal resistance
Very low gate charge
Low threshold device
Application
Switching applications
Description
This application specific Power MOSFET is the
latest generation of STMicroelectronics unique
“STripFET™” technology. The resulting transistor
is optimized for low on-resistance and minimal
gate charge. The chip-scaled PowerFLAT™
package allows a significant board space saving,
still boosting the performance.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
STL55NH3LL
30 V
< 0.0088
15 A
PowerFLAT™(6x5)
Table 1.
Device summary
Order code
Marking
Package
Packaging
STL55NH3LL
L55NH3LL
PowerFLAT™ (6x5)
Tape and reel
www.st.com


Similar Part No. - L55NH3LL

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L551 CRYDOM-L551 Datasheet
585Kb / 4P
Power Modules
logo
STMicroelectronics
L5510 STMICROELECTRONICS-L5510 Datasheet
53Kb / 3P
HIGHLY INTEGRATED, AUTOMATED SINGLE-CHIP DRIVE MANAGER AND DISK DRIVE CONTROLLER
Dec-2004
logo
List of Unclassifed Man...
L55120F ETC2-L55120F Datasheet
171Kb / 1P
Low Profile Designed for PCB Connections
L551F ETC2-L551F Datasheet
171Kb / 1P
Low Profile Designed for PCB Connections
logo
Crydom Inc.,
L551F CRYDOM-L551F Datasheet
585Kb / 4P
Power Modules
More results

Similar Description - L55NH3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL8NH3LL STMICROELECTRONICS-STL8NH3LL Datasheet
164Kb / 7P
N-CHANNEL 30 V - 0.012 ??- 8 A PowerFLAT??ULTRA LOW GATE CHARGE STripFET??MOSFET
05-Oct-2004
STL60NH3LL STMICROELECTRONICS-STL60NH3LL Datasheet
350Kb / 13P
N-channel 30V - 0.0065Ohm - 30A - PowerFLAT TM (6x5) Ultra low gate charge STripFET??Power MOSFET
12-Apr-2006
STL50NH3LL STMICROELECTRONICS-STL50NH3LL Datasheet
332Kb / 12P
N-channel 30V - 0.011 - 13A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
30-Mar-2006
STL50NH3LL_0609 STMICROELECTRONICS-STL50NH3LL_0609 Datasheet
351Kb / 12P
N-channel 30V - 0.011ohm - 13A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
06-Sep-2006
STL60NH3LL_0609 STMICROELECTRONICS-STL60NH3LL_0609 Datasheet
355Kb / 13P
N-channel 30V - 0.0065ohm - 30A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
05-Sep-2006
STL75NH3LL STMICROELECTRONICS-STL75NH3LL Datasheet
348Kb / 12P
N-channel 30 V, 0.004 Ω, 20 A, PowerFLAT??(6x5) ultra low gate charge STripFET??Power MOSFET
12-Jun-2008
STL50NH3LL STMICROELECTRONICS-STL50NH3LL_07 Datasheet
353Kb / 12P
N-channel 30 V - 0.011 Ω - 13 A - PowerFLAT??(6x5) ultra low gate charge STripFET™Power MOSFET
11-Dec-2007
STL60NH3LL STMICROELECTRONICS-STL60NH3LL_07 Datasheet
359Kb / 13P
N-channel 30 V - 0.0065 Ω - 30 A - PowerFLAT??(6x5) ultra low gate charge STripFET™Power MOSFET
11-Dec-2007
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5_08 Datasheet
513Kb / 12P
N-channel 30 V, 0.0014 Ω, 35 A - PowerFLAT??(6x5) STripFET™V Power MOSFET
23-Sep-2008
STL20NF20 STMICROELECTRONICS-STL20NF20 Datasheet
777Kb / 12P
N-channel 200 V, 0.10 Ω, 15 A PowerFLAT™ (5x6) low gate charge STripFET™ Power MOSFET
11-Dec-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com