Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL100NH3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL100NH3LL
Description  N-channel 30 V - 0.0032 Ω - 25 A - PowerFLAT??(6x5) STripFET™III Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL100NH3LL Datasheet(HTML) 1 Page - STMicroelectronics

  STL100NH3LL_08 Datasheet HTML 1Page - STMicroelectronics STL100NH3LL_08 Datasheet HTML 2Page - STMicroelectronics STL100NH3LL_08 Datasheet HTML 3Page - STMicroelectronics STL100NH3LL_08 Datasheet HTML 4Page - STMicroelectronics STL100NH3LL_08 Datasheet HTML 5Page - STMicroelectronics STL100NH3LL_08 Datasheet HTML 6Page - STMicroelectronics STL100NH3LL_08 Datasheet HTML 7Page - STMicroelectronics STL100NH3LL_08 Datasheet HTML 8Page - STMicroelectronics STL100NH3LL_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
March 2008
Rev 11
1/12
12
STL100NH3LL
N-channel 30 V - 0.0032
Ω - 25 A - PowerFLAT™ (6x5)
STripFET™ III Power MOSFET
Features
■ Improved die-to-footprint ratio
■ Very low profile package (1 mm max)
■ Very low thermal resistance
■ Conduction losses reduced
■ Switching losses reduced
Application
■ Switching applications
Description
This series utilizes the last advanced design rules
of ST’s proprietary STripFET™ technology. This
process complete to unique metallization
technique realised the most advanced low voltage
Power MOSFET in PowerFLAT™(6x5). The chip-
scaled PowerFLAT™ package allows a significant
board space saving, still boosting the
performance.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
STL100NH3LL
30 V
<0.0035
Ω 25A (1)
1.
The value is rated according Rthj-pcb
PowerFLAT™( 6x5 )
Table 1.
Device summary
Order code
Marking
Package
Packaging
STL100NH3LL
L100NH3LL
PowerFLAT™ (6x5)
Tape and reel
www.st.com


Similar Part No. - STL100NH3LL_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL100NH3LL STMICROELECTRONICS-STL100NH3LL_07 Datasheet
394Kb / 12P
N-channel 30V - 0.0032ohm - 25A - PowerFLAT (6x5) STripFET III Power MOSFET
04-Jan-2007
More results

Similar Description - STL100NH3LL_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL100NH3LL STMICROELECTRONICS-STL100NH3LL Datasheet
482Kb / 10P
N-CHANNEL 30V - 0.0032ohm - 25A PowerFLAT (6x5) STripFET III MOSFET
10-Oct-2005
STL100NH3LL STMICROELECTRONICS-STL100NH3LL_07 Datasheet
394Kb / 12P
N-channel 30V - 0.0032ohm - 25A - PowerFLAT (6x5) STripFET III Power MOSFET
04-Jan-2007
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5 Datasheet
502Kb / 12P
N-channel 30 V - 0.0014 Ω - 35 A - PowerFLAT??(6x5) STripFET™V Power MOSFET
01-Apr-2008
STL65N3LLH5 STMICROELECTRONICS-STL65N3LLH5 Datasheet
496Kb / 12P
N-channel 30 V, 0.0048 Ω, 19 A - PowerFLAT??(6x5) STripFET™V Power MOSFET
23-Sep-2008
STL100NHS3LL STMICROELECTRONICS-STL100NHS3LL Datasheet
235Kb / 9P
N-channel 30V - 0.0032Ω - 22A - PowerFLAT??(6x5) STripFET™Power MOSFET plus monolithic Schottky
03-Sep-2007
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5_08 Datasheet
513Kb / 12P
N-channel 30 V, 0.0014 Ω, 35 A - PowerFLAT??(6x5) STripFET™V Power MOSFET
23-Sep-2008
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5_09 Datasheet
528Kb / 12P
N-channel 30 V, 0.0014 Ω, 35 A, PowerFLAT??(6x5) STripFET™V Power MOSFET
12-Jun-2009
STL150N3LLH6 STMICROELECTRONICS-STL150N3LLH6 Datasheet
835Kb / 12P
N-channel 30 V, 0.0016 Ω, 33 A PowerFLAT??(6x5) STripFET™VI DeepGATE??Power MOSFET
08-Sep-2009
STL100N3LLH6 STMICROELECTRONICS-STL100N3LLH6 Datasheet
564Kb / 10P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6)STripFET™ VI DeepGATE™ Power MOSFET
16-Feb-2010
STL100N3LLH7 STMICROELECTRONICS-STL100N3LLH7 Datasheet
525Kb / 9P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6) STripFET™ VII DeepGATE™ Power MOSFET
22-Jun-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com