Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL150N3LLH5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL150N3LLH5
Description  N-channel 30 V, 0.0014 Ω, 35 A - PowerFLAT??(6x5) STripFET™V Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL150N3LLH5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL150N3LLH5 Datasheet HTML 2Page - STMicroelectronics STL150N3LLH5 Datasheet HTML 3Page - STMicroelectronics STL150N3LLH5 Datasheet HTML 4Page - STMicroelectronics STL150N3LLH5 Datasheet HTML 5Page - STMicroelectronics STL150N3LLH5 Datasheet HTML 6Page - STMicroelectronics STL150N3LLH5 Datasheet HTML 7Page - STMicroelectronics STL150N3LLH5 Datasheet HTML 8Page - STMicroelectronics STL150N3LLH5 Datasheet HTML 9Page - STMicroelectronics STL150N3LLH5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Electrical characteristics
STL150N3LLH5
6/12
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Normalized BVDSS vs temperature
Figure 7.
Static drain-source on resistance
0.01
0.1
1
10
100
ID(A)
VDS(V)
0
1
1
1
.
0
HV42710
10 ms
100 ms
1 s
TJ = 150 °C
TC = 25 °C
Single pulse
Oper
ation
on
thi
s a
rea
is
limited
by
m
ax
R
DS
(on)
0.85
0.9
0.95
1
1.05
1.1
BVDSS
-55
-30
-5
20
45
70
95
120
145
(norm)
TJ(°C)
HV42790
0.5
1.0
1.5
2.0
2.5
RDS(on)
HV42770
(m
Ω)
0
10
20
30
ID(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com