Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STN951 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STN951
Description  Low voltage fast-switching PNP power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN951 Datasheet(HTML) 4 Page - STMicroelectronics

  STN951 Datasheet HTML 1Page - STMicroelectronics STN951 Datasheet HTML 2Page - STMicroelectronics STN951 Datasheet HTML 3Page - STMicroelectronics STN951 Datasheet HTML 4Page - STMicroelectronics STN951 Datasheet HTML 5Page - STMicroelectronics STN951 Datasheet HTML 6Page - STMicroelectronics STN951 Datasheet HTML 7Page - STMicroelectronics STN951 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Electrical characteristics
STN951
4/8
2
Electrical characteristics
(Tcase = 25 °C unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE =0)
VCB = -60 V
-0.1
µA
IEBO
Emitter cut-off current
(IC =0)
VEB = -5 V
-0.1
µA
V(BR)CBO
(1)
1.
Pulse duration = 300 µs, duty cycle
≤ 2 %
Collector-base
Breakdown voltage
(IE =0)
IC = -100 µA
-60
V
V(BR)CEO
(1)
Collector-emitter
Breakdown voltage
(IB =0)
IC = -10 mA
-60
V
V(BR)EBO
(1)
Emitter-base Breakdown
voltage (IC =0)
IE = -100 µA
-6
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = -100 mA IB = -5 mA
IC = -1 A
IB = -50 mA
IC = -2 A
IB = -50 mA
IC = -5 A
IB = -200 mA
-10
-70
-140
-350
-50
-120
-250
-500
mV
mV
mV
mV
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = -4 A
IB = -200 mA
-1
-1.15
V
VBE(on)
(1)
Base-emitter on voltage
IC = -4 A
VCE = -1 V
-0.89
-1
V
hFE
(1)
DC current gain
IC = -10 mA
VCE = -1 V
IC = -2 A
VCE = -1 V
IC = -5 A
VCE = -1 V
IC = -10 A
VCE = -1 V
150
150
65
10
300
270
90
25
350
fT
Transition frequency
VCE = -10 V
IC = -100 mA
130
MHz
CCBO
Collector-base
capacitance (IE =0)
VCB = -10 V
f = 1 MHz
60
pF
ton
ts
tf
Resistive load
Turn-on time
Storage time
Fall time
IC = -1 A
VCC = -30 V
IB1 = - IB2 = -0.1 A
80
600
70
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com