Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP70NS04ZC Datasheet(PDF) 9 Page - STMicroelectronics

Part # STP70NS04ZC
Description  N-channel clamped 8mΩ - 80A TO-220 Fully protected SAFeFET??Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP70NS04ZC Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STP70NS04ZC Datasheet HTML 5Page - STMicroelectronics STP70NS04ZC Datasheet HTML 6Page - STMicroelectronics STP70NS04ZC Datasheet HTML 7Page - STMicroelectronics STP70NS04ZC Datasheet HTML 8Page - STMicroelectronics STP70NS04ZC Datasheet HTML 9Page - STMicroelectronics STP70NS04ZC Datasheet HTML 10Page - STMicroelectronics STP70NS04ZC Datasheet HTML 11Page - STMicroelectronics STP70NS04ZC Datasheet HTML 12Page - STMicroelectronics STP70NS04ZC Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
STP70NS04ZC
Test circuit
9/13
3
Test circuit
Figure 14. Switching times test circuit for
resistive load
Figure 15. Gate charge test circuit
Figure 16. Test circuit for inductive load
switching and diode recovery times
Figure 17. Unclamped Inductive load test
circuit
Figure 18. Unclamped inductive waveform
Figure 19. Switching time waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com