Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92F124CR2T6 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST92F124CR2T6
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124CR2T6 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST92F124CR2T6 Datasheet HTML 17Page - STMicroelectronics ST92F124CR2T6 Datasheet HTML 18Page - STMicroelectronics ST92F124CR2T6 Datasheet HTML 19Page - STMicroelectronics ST92F124CR2T6 Datasheet HTML 20Page - STMicroelectronics ST92F124CR2T6 Datasheet HTML 21Page - STMicroelectronics ST92F124CR2T6 Datasheet HTML 22Page - STMicroelectronics ST92F124CR2T6 Datasheet HTML 23Page - STMicroelectronics ST92F124CR2T6 Datasheet HTML 24Page - STMicroelectronics ST92F124CR2T6 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 426 page
background image
21/426
ST92F124/F150/F250 - GENERAL DESCRIPTION
Table 1. ST92F124/F150/F250 Power Supply Pins
Table 2. ST92F124/F150/F250 Primary Function Pins
Note 1: ST92F150JDV1 only.
Name
Function
TQFP64
PQFP100 TQFP100
VDD
Main Power Supply Voltage
(Pins internally connected)
-18
15
27
42
39
-65
62
60
93
90
VSS
Digital Circuit Ground
(Pins internally connected)
-17
14
26
41
38
-64
61
59
92
89
AVDD
Analog Circuit Supply Voltage
49
82
79
AVSS
Analog Circuit Ground
50
83
80
VTEST
Must be kept low in standard operating mode
29
44
41
VREG
Stabilization capacitor(s) for internal voltage regulator
28
31
43
28
40
Name
Function
TQFP64 PQFP100
TQFP100
AS
Address Strobe
-
56
53
DS
Data Strobe
-
55
52
RW
Read/Write
-
32
29
OSCIN
Crystal Oscillator Input
61
94
91
OSCOUT
Crystal Oscillator Output
62
95
92
RESET
Reset to initialize the Microcontroller
63
96
93
HW0SW1
Watchdog HW/SW enabling selection
64
97
94
VPWO1)
J1850 JBLPD Output
-
73
70
RX1/WKUP61)
CAN1 Receive Data / Wake-up Line 6
-
49
46
TX11)
CAN1 Transmit Data.
-
50
47
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com