Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2008V Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA2008V
Description  12W AUDIO AMPLIFIER Vs = 22V, RL= 4ohm
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2008V Datasheet(HTML) 2 Page - STMicroelectronics

  TDA2008V Datasheet HTML 1Page - STMicroelectronics TDA2008V Datasheet HTML 2Page - STMicroelectronics TDA2008V Datasheet HTML 3Page - STMicroelectronics TDA2008V Datasheet HTML 4Page - STMicroelectronics TDA2008V Datasheet HTML 5Page - STMicroelectronics TDA2008V Datasheet HTML 6Page - STMicroelectronics TDA2008V Datasheet HTML 7Page - STMicroelectronics TDA2008V Datasheet HTML 8Page - STMicroelectronics TDA2008V Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
SCHEMATIC DIAGRAM
PIN CONNECTION (top view)
Symbol
Parameter
Value
Unit
Vs
DC supply voltage
28
V
Io
Output peak current (repetitive)
3
A
Io
Output peak current ( non repetitive)
4
A
Ptot
Power dissipation at Tcase =90
°C
20
W
Tstg,Tj
Storage and junction temperature
- 40 to 150
°C
ABSOLUTE MAXIMUM RATINGS
TDA2008



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com