Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2009A Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA2009A
Description  10 10W STEREO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2009A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA2009A Datasheet HTML 4Page - STMicroelectronics TDA2009A Datasheet HTML 5Page - STMicroelectronics TDA2009A Datasheet HTML 6Page - STMicroelectronics TDA2009A Datasheet HTML 7Page - STMicroelectronics TDA2009A Datasheet HTML 8Page - STMicroelectronics TDA2009A Datasheet HTML 9Page - STMicroelectronics TDA2009A Datasheet HTML 10Page - STMicroelectronics TDA2009A Datasheet HTML 11Page - STMicroelectronics TDA2009A Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Figure 17 : P.C. BOARD and Components Layout of the Circuit of Figure 16 (1:1 scale)
APPLICATION SUGGESTION
The recommended values of the components are those shown on application circuit of fig. 1. Different
values can be used ; the following table can help the designer.
Component
Recommended
Value
Purpose
Larger than
Smaller than
R1, R3
1.2k
Ω
Close Loop Gain
Setting (1)
Increase of Gain
Decrease of Gain
R2, R4
18k
Ω
Decrease of Gain
Increase of Gain
R5, R6
1
Ω
Frequency Stability
Danger of Oscillation at High
Frequency with Inductive Load
C1, C2
2.2
µF
Input DC Decoupling
High Turn-on Delay
High Turn-on Pop.
Higher Low Frequency
Cut-off. Increase of Noise
C3
22
µF
Ripple Rejection
Better SVR. Increase of the
Switch-on Time
Degradation of SVR
C6, C7
220
µF
Feedback Input DC
Decoupling
C8, C9
0.1
µF
Frenquency Stability
Danger of Oscillation
C10, C11
1000
µFto
2200
µF
Output DC
Decoupling
Higher Low-frequency
Cut-off
(1) The closed loop gain must be higher than 26dB.
The presence of a thermal limiting circuit offers the
following advantages:
1) an averload on the output (even if it is
pe r m an e nt ) , o r an e xce ssi ve a mb ien t
temperature can be easily withstood.
2) the heatsink can have a smaller factor of safety
compared with that of a conventional circuit.
There is no device damage in the case of
excessive junction temperature : all that
happens is that Po (and therefore Ptot) and Io are
reduced.
The maximum allowable power dissipation de-
pends upon the size of the external heatsink (i.e.
its thermal resistance); Figure 18 shows this dissi-
pable power as a function of ambient temperature
for different thermal resistance.
Short circuit (AC Conditions). The TDA2009A can
withstand an accidentalshort circuit from the output
and ground made by a wrong connection during
normal play operation.
BUILD-IN PROTECTION SYSTEMS
THERMAL SHUT-DOWN
TDA2009A
9/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com