Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMP3F37D Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXMP3F37D
Description  30V SO8 Dual P-channel enhancement mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMP3F37D Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXMP3F37D Datasheet HTML 1Page - Zetex Semiconductors ZXMP3F37D Datasheet HTML 2Page - Zetex Semiconductors ZXMP3F37D Datasheet HTML 3Page - Zetex Semiconductors ZXMP3F37D Datasheet HTML 4Page - Zetex Semiconductors ZXMP3F37D Datasheet HTML 5Page - Zetex Semiconductors ZXMP3F37D Datasheet HTML 6Page - Zetex Semiconductors ZXMP3F37D Datasheet HTML 7Page - Zetex Semiconductors ZXMP3F37D Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ZXMP3F37DN8
Thermal characteristics
100m
1
10
1m
10m
100m
1
10
100
Single Pulse
T
amb=25°C
One active die
R
DS(on)
Limited
100µs
1ms
10ms
100ms
1s
DC
Safe Operating Area
-V
DS Drain-Source Voltage (V)
0
20
40
60
80 100 120 140 160
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Two active die
One active die
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
10
20
30
40
50
60
70
80
90
100
110
T
amb=25°C
One active die
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
1
10
100
Single Pulse
T
amb=25°C
One active die
Pulse Power Dissipation
Pulse Width (s)
Issue 1 - August 2008
3
© Diodes Incorporated 2008
www.zetex.com
www.diodes.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com