Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS8C5H30L Datasheet(PDF) 5 Page - STMicroelectronics

Part # STS8C5H30L
Description  N-channel 30V - 0.018 Ω - 8A/p-channel 30V - 0.045 Ω - 5A - SO-8 Low gate charge STripFET??III MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS8C5H30L Datasheet(HTML) 5 Page - STMicroelectronics

  STS8C5H30L Datasheet HTML 1Page - STMicroelectronics STS8C5H30L Datasheet HTML 2Page - STMicroelectronics STS8C5H30L Datasheet HTML 3Page - STMicroelectronics STS8C5H30L Datasheet HTML 4Page - STMicroelectronics STS8C5H30L Datasheet HTML 5Page - STMicroelectronics STS8C5H30L Datasheet HTML 6Page - STMicroelectronics STS8C5H30L Datasheet HTML 7Page - STMicroelectronics STS8C5H30L Datasheet HTML 8Page - STMicroelectronics STS8C5H30L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STS8C5H30L
Electrical characteristics
5/14
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
N-channel
VDD = 15V, ID = 4A
RG=4.7 Ω, VGS = 4.5V
P-channel
VDD = 15V, ID = 2A
RG=4.7 Ω, VGS = 4.5V
(see Figure 26)
n-ch
p-ch
n-ch
p-ch
12
25
14.5
35
ns
ns
ns
ns
td(off)
tf
Turn-off delay time
Fall time
N-channel
VDD = 15V, ID = 4A
RG=4.7 Ω, VGS = 4.5V
P-channel
VDD = 15V, ID = 2A
RG=4.7 Ω, VGS = 4.5V
(see Figure 26)
n-ch
p-ch
n-ch
p-ch
23
125
8
35
ns
ns
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
ISD
Source-drain current
n-ch
p-ch
8
5
A
A
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current
(pulsed)
n-ch
p-ch
32
20
A
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 8A, VGS = 0
ISD = 5A, VGS = 0
n-ch
p-ch
1.5
1.2
V
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
N-channel
ISD = 8A, di/dt = 100A/µs
VDD=15 V,Tj =150
oC
P-channel
ISD = 5 A, di/dt = 100A/µs
VDD=15 V, Tj =150
oC
(see Figure 28)
n-ch
p-ch
n-ch
p-ch
n-ch
p-ch
15
45
5.7
36
0.76
1.6
ns
ns
nC
nC
A
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com