Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2030A Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA2030A
Description  18W Hi-Fi AMPLIFIER AND 35W DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2030A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA2030A Datasheet HTML 3Page - STMicroelectronics TDA2030A Datasheet HTML 4Page - STMicroelectronics TDA2030A Datasheet HTML 5Page - STMicroelectronics TDA2030A Datasheet HTML 6Page - STMicroelectronics TDA2030A Datasheet HTML 7Page - STMicroelectronics TDA2030A Datasheet HTML 8Page - STMicroelectronics TDA2030A Datasheet HTML 9Page - STMicroelectronics TDA2030A Datasheet HTML 10Page - STMicroelectronics TDA2030A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TYPICAL PERFORMANCE OF THE CIRCUIT OF FIGURE 12
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vs
Supply Voltage
36
44
V
Id
Quiescent Drain Current
Vs = 36V
50
mA
Po
Output Power
d = 0.5%, RL =4
Ω, f = 40 z to 15Hz
Vs = 39V
Vs = 36V
d = 10%, RL =4
Ω, f = 1kHz
Vs = 39V
Vs = 36V
35
28
44
35
W
W
W
W
Gv
Voltage Gain
f = 1kHz
19.5
20
20.5
dB
SR
Slew Rate
8
V/
µsec
d
Total Harmonic Distortion
f = 1kHz
Po = 20W
f = 40Hz to 15kHz
0.02
0.05
%
%
Vi
Input Sensitivity
Gv = 20dB, f = 1kHz, Po = 20W, RL =4
Ω
890
mV
S/N
Signal to Noise Ratio
RL =4
Ω,Rg = 10kΩ, B = Curve A
Po = 25W
Po =4W
108
100
dB
Figure 14 : Typical Amplifier with Spilt Power Supply
Figure 15 : P.C. Board and Component Layout for the Circuit of Figure 14 (1:1 scale)
TDA2030A
7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com