Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8S2TH06FP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 8S2TH06FP
Description  Hyperfast Rectifier, 8 A FRED PtTM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8S2TH06FP Datasheet(HTML) 2 Page - Vishay Siliconix

  8S2TH06FP Datasheet HTML 1Page - Vishay Siliconix 8S2TH06FP Datasheet HTML 2Page - Vishay Siliconix 8S2TH06FP Datasheet HTML 3Page - Vishay Siliconix 8S2TH06FP Datasheet HTML 4Page - Vishay Siliconix 8S2TH06FP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94553
2
Revision: 08-Apr-08
8S2TH06FP
Vishay High Power Products
Hyperfast Rectifier,
8 A FRED PtTM
New Product
DYNAMIC RECOVERY CHARACTERISTICS FOR BOTH DIODES (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Reverse recovery time
trr
IF = 1.0 A, dIF/dt = - 50 A/µs, VR = 30 V
-
-
25
ns
TJ = 25 °C
IF = 8 A
dIF/dt = - 200 A/µs
VR = 390 V
-19-
TJ = 125 °C
-
35
-
Peak recovery current
IRRM
TJ = 25 °C
-
2.8
-
A
TJ = 125 °C
-
4.6
5.5
Reverse recovery charge
Qrr
TJ = 25 °C
-
26
-
nC
TJ = 125 °C
-
84
-
THERMAL - MECHANICAL SPECIFICATIONS FOR BOTH DIODES
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Maximum junction and
storage temperature range
TJ, TStg
- 55
-
175
°C
Thermal resistance,
junction to case
RthJC
-4.1
4.8
°C/W
Thermal resistance,
case to heatsink
RthCS
Mounting surface, flat, smooth
and greased
-0.2
-
Weight
-2.0
-
g
-0.07
-
oz.
Mounting torque
6.0
(5.0)
-
12
(10)
kgf · cm
(lbf · in)
Marking device
Case style 2L TO-220 FULL-PAK
8S2TH06FP



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com