Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4433 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA4433
Description  TV SIGNAL IDENTIFICATION CIRCUIT AND AFC INTERFACE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA4433 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA4433 Datasheet HTML 1Page - STMicroelectronics TDA4433 Datasheet HTML 2Page - STMicroelectronics TDA4433 Datasheet HTML 3Page - STMicroelectronics TDA4433 Datasheet HTML 4Page - STMicroelectronics TDA4433 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V3
Input Voltage Range
4
8
V
V3U
Upper Threshold Voltage
See Figure 2
V4 –25
V4
V4 +25
mV
V3L
Lower Threshold Voltage
See Figure 2
V4 – 425 V4 – 400 V4 – 375
mV
R3
Input Resistance
V3 =V4
1.4
M
V4
Regulated Voltage
I4 = 1 mA
6.6
V
I4
Output Current
1mA
R4
Output Differential Resistance
60
∆V4
∆TS
Regulated Voltage Thermal Drift
± 2
mV/
°C
V10
Identification Output Voltage
No Identification, I10 = 1 mA
Vs – 1.3
V
Identification
20
mV
R10
Output Resistance
100
V12
Switch off Threshold Voltage
1
V
I12
Input Flyback Current
0.5
1.5
mA
R12
Input Resistance
V12 =3 V
10
k
tfly
Flyback Pulse Duration
10
17
µsec.
t
Time Delay between Leading Edges
of Flyback Pulse and Sync. Pulse
0
3.5
µsec.
V13
Video Input Signal (peak to peak)
2.5
4.5
V
V13
Sync. Pulse Amplitude
(above black level)
0.52
V
R13
Input Resistance
1.5
k
Input Voltage (V3)
Output Voltage (V2)
Output Voltage (V6)
V3 >V4
High level
Low Level
V4 – 0.4 V < V3 <V4
Low Level
Low Level
V2 <V4 – 0.4 V
Low Level
High Level
Figure 1 : Medium Output Voltage vs. Supply
Voltage
Figure 2 : Digital AFC Threshold Voltage vs.
Frequency
TDA4433
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com