Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9826 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9826
Description  Octal Low-Side Driver for Resistive and Inductive Loads with Serial/Parallel Input Control, Output Protection and Diagnostic
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9826 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9826 Datasheet HTML 9Page - STMicroelectronics L9826 Datasheet HTML 10Page - STMicroelectronics L9826 Datasheet HTML 11Page - STMicroelectronics L9826 Datasheet HTML 12Page - STMicroelectronics L9826 Datasheet HTML 13Page - STMicroelectronics L9826 Datasheet HTML 14Page - STMicroelectronics L9826 Datasheet HTML 15Page - STMicroelectronics L9826 Datasheet HTML 16Page - STMicroelectronics L9826 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
L9826
4 Functional Description
CD00002120
13/17
Figure 6.
The Pulse Diagram to Read the Outputs Status Register
Table 8.
The Structure of the Outputs Status Register
NCS
CLK
SDI
SDO
MSB
LSB
65
4
3
21
MSB
LSB
654
3
2
1
Diag2 Diag4 Diag6 Diag8 Diag1 Diag3 Diag5 Diag7
MSB
LSB
Diagnostic-bit output 7
Diagnostic-bit output 5
Diagnostic-bit output 3
Diagnostic-bit output 1
Diagnostic-bit output 8
Diagnostic-bit output 6
Diagnostic-bit output 4
Diagnostic-bit output 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17