Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7268 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7268
Description  2 x 2W STEREO AUDIO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7268 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7268 Datasheet HTML 1Page - STMicroelectronics TDA7268 Datasheet HTML 2Page - STMicroelectronics TDA7268 Datasheet HTML 3Page - STMicroelectronics TDA7268 Datasheet HTML 4Page - STMicroelectronics TDA7268 Datasheet HTML 5Page - STMicroelectronics TDA7268 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TDA7268
2 x 2W STEREO AUDIO AMPLIFIER
WIDE OPERATING RANGE FROM 4.5V TO 18V
POUT = 2W @ THD 10% 12V/8
INTERNAL FIXED GAIN 32dB
NO FEEDBACK CAPACITOR
NO BOUCHEROT CELL
THERMAL PROTECTION
AC SHORT CIRCUIT PROTECTION
SVR CAPACITOR FOR BETTER RIPPLE
REJECTION
LOW TURN-ON/OFF POP
VERY FEW EXTERNAL COMPONENTS
STAND-BY MODE (IST-BY < 300
µA)
DESCRIPTION
The device TDA7268 is a new technology stereo
Audio Amplifier in DIP package specially de-
signed for TV application.
Thanks to the fully complementary output configu-
ration the device delivers a rail to rail voltage
swing without need of boostrap capacitor.
March 1998
IN1
VS1
OUT1
D94AU167B
IN2
SVR
S-GND
OUT2
P-GND
+
-
+
-
VS2
1
4
2
8
7
5
3
69
÷16
BLOCK DIAGRAM
ORDERING NUMBER: TDA7268
POWERDIP (8+8)
1/5


Similar Part No. - TDA7268

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7260 STMICROELECTRONICS-TDA7260 Datasheet
658Kb / 14P
HIGH EFFICIENCY AUDIO PWM DRIVER
Sep-1988
TDA7261 STMICROELECTRONICS-TDA7261 Datasheet
133Kb / 9P
25W MONO AMPLIFIER WITH MUTE/ST-BY
1997-Feb
TDA7262 STMICROELECTRONICS-TDA7262 Datasheet
92Kb / 8P
2020W STEREO AMPLIFIER WITH STAND-BY
1995-Mar
TDA7263 STMICROELECTRONICS-TDA7263 Datasheet
110Kb / 8P
1212W STEREO AMPLIFIER WITH MUTING
1995-Mar
logo
Texas Instruments
TDA7263L TI-TDA7263L Datasheet
133Kb / 10P
6 6W STEREO AMPLIFIER WITH MUTING
More results

Similar Description - TDA7268

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1420 GMT-G1420 Datasheet
377Kb / 20P
2W Stereo Audio Amplifier
G1431 GMT-G1431 Datasheet
280Kb / 13P
2W Stereo Audio Amplifier
G1432 GMT-G1432 Datasheet
334Kb / 15P
2W Stereo Audio Amplifier
logo
Princeton Technology Co...
PT2335 PTC-PT2335 Datasheet
249Kb / 5P
2W X 2 Stereo Integrated Audio Amplifier
logo
Unisonic Technologies
PA3431 UTC-PA3431 Datasheet
266Kb / 11P
2W STEREO AUDIO AMPLIFIER
logo
Analog Devices
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
logo
Unisonic Technologies
PA3017 UTC-PA3017_15 Datasheet
403Kb / 10P
2W STEREO AUDIO AMPLIFIER
PA3427 UTC-PA3427_15 Datasheet
270Kb / 7P
2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_15 Datasheet
366Kb / 11P
2W STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com