Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38049F7HKP Datasheet(PDF) 287 Page - Renesas Technology Corp

Part # M38049F7HKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049F7HKP Datasheet(HTML) 287 Page - Renesas Technology Corp

Back Button M38049F7HKP Datasheet HTML 283Page - Renesas Technology Corp M38049F7HKP Datasheet HTML 284Page - Renesas Technology Corp M38049F7HKP Datasheet HTML 285Page - Renesas Technology Corp M38049F7HKP Datasheet HTML 286Page - Renesas Technology Corp M38049F7HKP Datasheet HTML 287Page - Renesas Technology Corp M38049F7HKP Datasheet HTML 288Page - Renesas Technology Corp M38049F7HKP Datasheet HTML 289Page - Renesas Technology Corp M38049F7HKP Datasheet HTML 290Page - Renesas Technology Corp M38049F7HKP Datasheet HTML 291Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 387 page
background image
2-163
APPLICATION
2.13 Flash memory mode
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
➀ When control signals are not affected to user system circuit
When the control signals in the standard serial I/O mode are not used or not affected to the user
system circuit, they can be connected as shown in Figure 2.13.7.
Fig. 2.13.7 Connection example in standard serial I/O mode (1)
➁ When control signals are affected to user system circuit-1
Figure 2.13.8 shows an example that the jumper switch cut-off the control signals not to supply
to the user system circuit in the standard serial I/O mode.
Fig. 2.13.8 Connection example in standard serial I/O mode (2)
M38049FFHSP/FP/HP/KP
RESET
CNVSS
TXD(P45)
SCLK1(P46)
RXD(P44)
BUSY(P47)
VSS
VCC
AVSS
Target board
Not used or to user system circuit
✽1
User reset signal (Low active)
✽1: When not used, set to input mode and pull up or pull down, or set to output mode and open.
✽2: It is necessary to apply Vcc to SCLK1 (P46) pin only when reset is released in the serial I/O mode 1.
It is necessary to apply Vss to SCLK1 (P46) pin only when reset is released in the serial I/O mode 2.
✽2
XIN
XOUT
M38049FFHSP/FP/HP/KP
RESET
CNVSS
TXD(P45)
SCLK1(P46)
RXD(P44)
BUSY(P47)
VSS
VCC
AVSS
Target board
To user system circuit
User reset signal (Low active)
✽: It is necessary to apply Vcc to SCLK1 (P46) pin only when reset is released in the serial I/O mode 1.
It is necessary to apply Vss to SCLK1 (P46) pin only when reset is released in the serial I/O mode 2.
✽
XIN
XOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com