Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38049F7HKP Datasheet(PDF) 289 Page - Renesas Technology Corp

Part # M38049F7HKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049F7HKP Datasheet(HTML) 289 Page - Renesas Technology Corp

Back Button M38049F7HKP Datasheet HTML 285Page - Renesas Technology Corp M38049F7HKP Datasheet HTML 286Page - Renesas Technology Corp M38049F7HKP Datasheet HTML 287Page - Renesas Technology Corp M38049F7HKP Datasheet HTML 288Page - Renesas Technology Corp M38049F7HKP Datasheet HTML 289Page - Renesas Technology Corp M38049F7HKP Datasheet HTML 290Page - Renesas Technology Corp M38049F7HKP Datasheet HTML 291Page - Renesas Technology Corp M38049F7HKP Datasheet HTML 292Page - Renesas Technology Corp M38049F7HKP Datasheet HTML 293Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 387 page
background image
2-165
APPLICATION
2.13 Flash memory mode
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
(2)
Control pin termination example in CPU rewrite mode
In this example, data is received by using serial I/O, and the data is programmed to the built-in flash
memory in the CPU rewrite mode.
Figure 2.13.10 shows an example of the reprogramming system for the built-in flash memory in the
CPU rewrite mode. For the CPU rewrite mode beginning/release method, refer to “2.13.6 CPU rewrite
mode.”
Fig. 2.13.10 Example of rewrite system for built-in flash memory in CPU rewrite mode (single-chip mode)
VCC
AVSS
VSS
RESET
M
38049FFHSP/FP/HP/KP
CNVSS
SRDY1(BUSY)
RXD
TXD
SCLK1
Clock input
BUSY output
Data input
Data output
User reset signal
XIN
XOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com