Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38040F8HKP Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # M38040F8HKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38040F8HKP Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button M38040F8HKP Datasheet HTML 31Page - Renesas Technology Corp M38040F8HKP Datasheet HTML 32Page - Renesas Technology Corp M38040F8HKP Datasheet HTML 33Page - Renesas Technology Corp M38040F8HKP Datasheet HTML 34Page - Renesas Technology Corp M38040F8HKP Datasheet HTML 35Page - Renesas Technology Corp M38040F8HKP Datasheet HTML 36Page - Renesas Technology Corp M38040F8HKP Datasheet HTML 37Page - Renesas Technology Corp M38040F8HKP Datasheet HTML 38Page - Renesas Technology Corp M38040F8HKP Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 387 page
background image
1-17
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
Fig. 13 Port block diagram (2)
(10) Port P40
(11) Port P41
(13) Port P50
Port XC switch bit
INT40 interrupt input
Port P41
Serial I/O2 input
(12) Port P47
(9) Port P37
SRDY3 output enable bit
(14) Port P51
INT00 interrupt input
Serial I/O3 enable bit
Serial I/O3 mode
selection bit
Data bus
Direction
register
Port latch
Pull-up control bit
Serial I/O3 ready output
Pull-up control bit
Data bus
Direction
register
Port latch
Port XC switch bit
Oscillator
CNTR2 interrupt input
SRDY1 output enable bit
Serial I/O1 enable bit
Serial I/O1 mode selection bit
Data bus
Serial I/O1 ready output
Timer output
Data bus
Direction
register
Port latch
Pull-up control bit
Sub-clock generating circuit input
Port XC switch bit
Pull-up control bit
Data bus
Direction
register
Port latch
Pull-up control bit
Data bus
Direction
register
Port latch
Serial I/O2 output
Serial I/O2 transmit completion signal
Serial I/O2 port selection bit
P-channel output
disable bit
Bit 2
Timer Z operating
mode bits
Bit 1
Bit 0
Port latch
Direction
register
Pull-up control bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com