| Electronic Components Datasheet Search |
|
M38040F8HKP Datasheet(PDF) 110 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38040F8HKP Datasheet(HTML) 110 Page - Renesas Technology Corp |
|
110 / 387 page ![]() 1-92 REJ09B0212-0100Z Rev.1.00 Jan 14, 2005 3804 Group (Spec.H) HARDWARE FUNCTIONAL DESCRIPTION q Standard serial I/O Mode The standard serial I/O mode inputs and outputs the software commands, addresses and data needed to operate (read, pro- gram, erase, etc.) the internal flash memory. This I/O is clock synchronized serial. This mode requires a purpose-specific pe- ripheral unit. The standard serial I/O mode is different from the parallel I/O mode in that the CPU controls flash memory rewrite (uses the CPU rewrite mode), rewrite data input and so forth. The standard serial I/O mode is started by connecting “H” to the CNVss pin and “H” to the P45 (BOOTENT) pin, and releasing the reset operation. (In the ordinary microcomputer mode, set CNVss pin to “L” level.) This control program is written in the Boot ROM area when the product is shipped from Renesas. Accordingly, make note of the fact that the standard serial I/O mode cannot be used if the Boot ROM area is rewritten in parallel I/O mode. The standard serial I/ O mode has standard serial I/O mode 1 of the clock synchronous serial and standard serial I/O mode 2 of the clock asynchronous serial. Tables 17 and 18 show description of pin function (standard serial I/O mode). Figures 87 to 90 show the pin connections for the standard serial I/O mode. In standard serial I/O mode, only the User ROM area shown in Figure 77 can be rewritten. The Boot ROM area cannot be written. In standard serial I/O mode, a 7-byte ID code is used. When there is data in the flash memory, this function determines whether the ID code sent from the peripheral unit (programmer) and those writ- ten in the flash memory match. The commands sent from the peripheral unit (programmer) are not accepted unless the ID code matches. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |