Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T405-600 Datasheet(PDF) 1 Page - STMicroelectronics

Part # T405-600
Description  4A TRIACS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T405-600 Datasheet(HTML) 1 Page - STMicroelectronics

  T405-600 Datasheet HTML 1Page - STMicroelectronics T405-600 Datasheet HTML 2Page - STMicroelectronics T405-600 Datasheet HTML 3Page - STMicroelectronics T405-600 Datasheet HTML 4Page - STMicroelectronics T405-600 Datasheet HTML 5Page - STMicroelectronics T405-600 Datasheet HTML 6Page - STMicroelectronics T405-600 Datasheet HTML 7Page - STMicroelectronics T405-600 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
®
T4 Series
SNUBBERLESS™ & LOGIC LEVEL
4A TRIACS
June 2003 - Ed: 5
MAIN FEATURES:
DESCRIPTION
Based on ST’s Snubberless / Logic level technolo-
gy providing high commutation performances, the
T4 series is suitable for use on AC inductive loads.
They are recommended for applications using
universal motors, electrovalves.... such as kitchen
aid equipments, power tools, dishwashers,...
Available
in
a fully insulated
package, the
T4...-...W version complies with UL standards (ref.
E81734).
Symbol
Value
Unit
IT(RMS)
4A
VDRM/VRRM
600 to 800
V
IGTT (Q
1)
5 to 35
mA
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine wave)
DPAK / IPAK
TO-220AB
Tc = 110°C
4
A
ISOWATT 220AB
Tc = 105°C
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25°C)
F = 50 Hz
t = 20 ms
30
A
F = 60 Hz
t = 16.7 ms
31
I
²tI²t Value for fusing
tp = 10 ms
5.1
A²s
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4
A
PG(AV)
Average gate power dissipation
Tj = 125°C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
G
A2
A1
G
A2
A2
A1
DPAK
(T4-B)
A1
A2
G
ISOWATT 220AB
(T4-W)
A2
A2
A1
G
A2
A2
A1
G
TO-220AB
(T4-T)
IPAK
(T4-H)


Similar Part No. - T405-600

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T405-600B STMICROELECTRONICS-T405-600B Datasheet
115Kb / 10P
4A TRIACS
25-Mar-2005
logo
JIEJIE MICROELECTRONICS...
T405-600B JIEJIE-T405-600B Datasheet
662Kb / 6P
4A TRIACs
logo
Inchange Semiconductor ...
T405-600B ISC-T405-600B Datasheet
207Kb / 1P
isc Thyristors
logo
STMicroelectronics
T405-600B STMICROELECTRONICS-T405-600B Datasheet
119Kb / 10P
4A TRIACS
25-Mar-2005
logo
HAOPIN MICROELECTRONICS...
T405-600B HAOPIN-T405-600B Datasheet
402Kb / 5P
Blocking voltage to 600 V
More results

Similar Description - T405-600

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z04 STMICROELECTRONICS-Z04 Datasheet
88Kb / 8P
4A TRIACS
31-Mar-2006
logo
JIEJIE MICROELECTRONICS...
BTA04 JIEJIE-BTA04 Datasheet
662Kb / 6P
4A TRIACs
logo
Tiger Electronic Co.,Lt...
T405-600B-TR TGS-T405-600B-TR Datasheet
116Kb / 1P
4A TRIACS
BTA04-600B TGS-BTA04-600B Datasheet
93Kb / 1P
4A TRIACS
T435-600B-TR TGS-T435-600B-TR Datasheet
54Kb / 1P
4A TRIACS
T435-600H TGS-T435-600H Datasheet
38Kb / 1P
4A TRIACS
Z0409MF TGS-Z0409MF Datasheet
335Kb / 1P
4A TRIACS
logo
Unisonic Technologies
BTA04A UTC-BTA04A Datasheet
158Kb / 3P
4A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST136 JIEJIE-JST136 Datasheet
402Kb / 7P
4A TRIACs
logo
SiPower Inc.
BTA204S-800E SIPOWER-BTA204S-800E Datasheet
866Kb / 7P
4A Triacs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com