Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC871HC8A Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC871HC8A
Description  CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC871HC8A Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC871HC8A Datasheet HTML 1Page - Sanyo Semicon Device LC871HC8A Datasheet HTML 2Page - Sanyo Semicon Device LC871HC8A Datasheet HTML 3Page - Sanyo Semicon Device LC871HC8A Datasheet HTML 4Page - Sanyo Semicon Device LC871HC8A Datasheet HTML 5Page - Sanyo Semicon Device LC871HC8A Datasheet HTML 6Page - Sanyo Semicon Device LC871HC8A Datasheet HTML 7Page - Sanyo Semicon Device LC871HC8A Datasheet HTML 8Page - Sanyo Semicon Device LC871HC8A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
LC871HC8A/96A
No.A1189-2/27
Ports
• I/O ports
Ports whose I/O direction can be designated in 1-bit units 28 (P10 to P17, P20 to P27, P30 to P34,
P70 to P73, PWM0, PWM1, XT2)
Ports whose I/O direction can be designated in 4-bit units
8 (P00 to P07)
• USB ports
2 (UHD+, UHD-)
• Dedicated oscillator ports
2 (CF1, CF2)
• Input-only port (also used for oscillation)
1 (XT1)
• Reset pins
1 (RES)
• Power supply pins
6 (VSS1 to 3, VDD1 to 3)
Timers
• Timer 0: 16-bit timer/counter with 2 capture registers.
Mode 0: 8-bit timer with an 8-bit programmable prescaler (with two 8-bit capture registers)
× 2 channels
Mode 1: 8-bit timer with an 8-bit programmable prescaler (with two 8-bit capture registers)
+ 8-bit counter (with two 8-bit capture registers)
Mode 2: 16-bit timer with an 8-bit programmable prescaler (with two 16-bit capture registers)
Mode 3: 16-bit counter (with two 16-bit capture registers)
• Timer 1: 16-bit timer/counter that supports PWM/toggle outputs
Mode 0: 8-bit timer with an 8-bit prescaler (with toggle outputs) + 8-bit timer/
counter with an 8-bit prescaler (with toggle outputs)
Mode 1: 8-bit PWM with an 8-bit prescaler
× 2 channels
Mode 2: 16-bit timer/counter with an 8-bit prescaler (with toggle outputs)
(toggle outputs also possible from lower-order 8 bits)
Mode 3: 16-bit timer with an 8-bit prescaler (with toggle outputs)
(lower-order 8 bits may be used as a PWM output)
• Timer 4: 8-bit timer with a 6-bit prescaler
• Timer 5: 8-bit timer with a 6-bit prescaler
• Timer 6: 8-bit timer with a 6-bit prescaler (with toggle outputs)
• Timer 7: 8-bit timer with a 6-bit prescaler (with toggle outputs)
• Base timer
1) The clock is selectable from the subclock (32.768kHz crystal oscillation), system clock, and timer 0 prescaler
output.
2) Interrupts programmable in 5 different time schemes
SIO
• SIO0: Synchronous serial interface
1) LSB first/MSB first mode selectable
2) Transfer clock cycle: 4/3 to 512/3 tCYC
3) Automatic continuous data transmission (1 to 256 bits, specifiable in 1-bit units)
(Suspension and resumption of data transmission possible in 1 byte units)
• SIO1: 8-bit asynchronous/synchronous serial interface
Mode 0: Synchronous 8-bit serial I/O (2- or 3-wire configuration, 2 to 512 tCYC transfer clocks)
Mode 1: Asynchronous serial I/O (half-duplex, 8 data bits, 1 stop bit, 8 to 2048 tCYC baudrates)
Mode 2: Bus mode 1 (start bit, 8 data bits, 2 to 512 tCYC transfer clocks)
Mode 3: Bus mode 2 (start detect, 8 data bits, stop detect)
• SIO4: Synchronous serial interface
1) LSB first/MSB first mode selectable
2) Transfer clock cycle: 4/3 to 1020/3 tCYC
3) Automatic continuous data transmission (1 to 4096 bytes, specifiable in 1 byte units)
(Suspension and resumption of data transmission possible in 1 byte units or in word units)
4) Auto-start-on-falling-edge function
5) Clock polarity selectable
6) CRC16 calculator circuit built in
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com