Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7293 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7293
Description  120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7293 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7293 Datasheet HTML 1Page - STMicroelectronics TDA7293 Datasheet HTML 2Page - STMicroelectronics TDA7293 Datasheet HTML 3Page - STMicroelectronics TDA7293 Datasheet HTML 4Page - STMicroelectronics TDA7293 Datasheet HTML 5Page - STMicroelectronics TDA7293 Datasheet HTML 6Page - STMicroelectronics TDA7293 Datasheet HTML 7Page - STMicroelectronics TDA7293 Datasheet HTML 8Page - STMicroelectronics TDA7293 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the Test Circuit VS =
±40V, RL =8Ω,Rg =50 Ω;
Tamb =25
°C, f = 1 kHz; unless otherwise specified).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Range
±12
±50
V
Iq
Quiescent Current
30
mA
Ib
Input Bias Current
0.3
1
µA
VOS
Input Offset Voltage
-10
10
mV
IOS
Input Offset Current
0.2
µA
PO
RMS Continuous Output Power
d = 1%:
RL =4
Ω; VS = ± 29V,
80
80
W
d = 10%
RL =4
Ω ;VS = ±29V
100
100
W
d
Total Harmonic Distortion (**)
PO = 5W; f = 1kHz
PO = 0.1 to 50W; f = 20Hz to 15kHz
0.005
0.1
%
%
ISC
Current Limiter Threshold
6.5
A
SR
Slew Rate
15
V/
µs
GV
Open Loop Voltage Gain
80
dB
GV
Closed Loop Voltage Gain (1)
30
dB
eN
Total Input Noise
A = curve
f = 20Hz to 20kHz
1
25
µV
µV
Ri
Input Resistance
100
k
SVR
Supply Voltage Rejection
f = 100Hz; Vripple = 0.5Vrms
75
dB
TS
Thermal Protection
DEVICE MUTED
150
°C
DEVICE SHUT DOWN
160
°C
STAND-BY FUNCTION (Ref: to pin 1)
VST on
Stand-by on Threshold
1.5
V
VST off
Stand-by off Threshold
3.5
V
ATTst-by
Stand-by Attenuation
70
90
dB
Iq st-by
Quiescent Current @ Stand-by
0.5
mA
MUTE FUNCTION (Ref: to pin 1)
VMon
Mute on Threshold
1.5
V
VMoff
Mute off Threshold
3.5
V
ATTmute
Mute AttenuatIon
60
80
dB
CLIP DETECTOR
Duty
Duty Cycle ( pin 5)
THD = 1% ; RL = 10K
Ω to 5V
10
%
THD = 10% ;
RL = 10K
Ω to 5V
40
%
ICLEAK
PO = 50W
1
µA
SLAVE FUNCTION pin 4 (Ref: to pin 8 -VS)
VSlave
SlaveThreshold
1V
VMaster
Master Threshold
3
V
Note (1): GVmin
≥ 26dB
Note: Pin 11 only for modular connection. Max external load 1M
Ω/10 pF, only for test purpose
Note (**): Tested with optimized Application Board (see fig. 2)
TDA7293
3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com