Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30CPU04PBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 30CPU04PBF
Description  Ultrafast Rectifier, 2 x 15 A FRED PtTM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30CPU04PBF Datasheet(HTML) 2 Page - Vishay Siliconix

  30CPU04PBF Datasheet HTML 1Page - Vishay Siliconix 30CPU04PBF Datasheet HTML 2Page - Vishay Siliconix 30CPU04PBF Datasheet HTML 3Page - Vishay Siliconix 30CPU04PBF Datasheet HTML 4Page - Vishay Siliconix 30CPU04PBF Datasheet HTML 5Page - Vishay Siliconix 30CPU04PBF Datasheet HTML 6Page - Vishay Siliconix 30CPU04PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94013
2
Revision: 21-Jul-08
30CPU04PbF
Vishay High Power Products
Ultrafast Rectifier,
2 x 15 A FRED PtTM
DYNAMIC RECOVERY CHARACTERISTICS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Reverse recovery time
trr
IF = 1 A, dIF/dt = 50 A/µs, VR = 30 V
-
36
60
ns
TJ = 25 °C
IF = 15 A
dIF/dt = 200 A/µs
VR = 200 V
-46-
TJ = 125 °C
-
80
-
Peak recovery current
IRRM
TJ = 25 °C
-
3.6
-
A
TJ = 125 °C
-
8.7
-
Reverse recovery charge
Qrr
TJ = 25 °C
-
84
-
nC
TJ = 125 °C
-
345
-
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Maximum junction and
storage temperature range
TJ, TStg
- 65
-
175
°C
Thermal resistance,
junction to case per leg
RthJC
-0.8
1.5
°C/W
Thermal resistance,
junction to ambient per leg
RthJA
Typical socket mount
-
-
40
Thermal resistance,
case to heatsink
RthCS
Mounting surface, flat, smooth and
greased
-0.4
-
Weight
-6.0
-
g
-0.21
-
oz.
Mounting torque
6.0
(5.0)
-
12
(10)
kgf · cm
(lbf · in)
Marking device
Case style TO-247AC
30CPU04



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com