Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7311 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7311
Description  SERIAL BUS CONTROLLED AUDIO PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7311 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7311 Datasheet HTML 1Page - STMicroelectronics TDA7311 Datasheet HTML 2Page - STMicroelectronics TDA7311 Datasheet HTML 3Page - STMicroelectronics TDA7311 Datasheet HTML 4Page - STMicroelectronics TDA7311 Datasheet HTML 5Page - STMicroelectronics TDA7311 Datasheet HTML 6Page - STMicroelectronics TDA7311 Datasheet HTML 7Page - STMicroelectronics TDA7311 Datasheet HTML 8Page - STMicroelectronics TDA7311 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TDA7311
SERIAL BUS CONTROLLED AUDIO PROCESSOR
INPUT MULTIPLEXER
– TWO STEREO DIFFERENTIAL INPUTS
– TWO STEREO SINGLE ENDED INPUTS
– ONE MONO DIFFERENTIAL INPUT
INPUT
AND
OUTPUT
FOR
EXTERNAL
EQUALIZER OR NOISE REDUCTION SYS-
TEM
VOLUME CONTROL IN 1.25dB STEPS
TREBLE AND BASS CONTROL
FOUR SPEAKER ATTENUATORS:
– 4 INDEPENDENT SPEAKERS CONTROL
IN 1.25dB STEPS FOR BALANCE AND
FADER FACILITIES
– INDEPENDENT MUTE FUNCTION
ALL FUNCTIONS PROGRAMMABLE VIA SPI
COMPATIBLE SERIAL BUS
DESCRIPTION
The TDA7311 is a volume, tone (bass and treble)
and fader (front/rear) processor for high quality
audio applications in car radio and Hi-Fi systems.
Control is accomplished by serial bus microproc-
essor interface.
The AC signal setting is obtained by resistor net-
works and switches combined with operational
amplifiers.
Thanks to the used BIPOLAR/CMOS technology,
low distortion, low noise and DC stepping are ob-
tained.
July 1999
PINS CONNECTION (Top view)
ORDERING NUMBER: TDA7311
DIP40
®
1/11


Similar Part No. - TDA7311

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7310 STMICROELECTRONICS-TDA7310 Datasheet
129Kb / 15P
SERIAL BUS CONTROLLED AUDIO PROCESSOR
Nov-1999
TDA7312 STMICROELECTRONICS-TDA7312 Datasheet
116Kb / 13P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
Nov-1999
logo
Shenzhen Titan Micro El...
TDA7312 TITAN-TDA7312 Datasheet
562Kb / 13P
Digital audio processing circuit
logo
STMicroelectronics
TDA7313 STMICROELECTRONICS-TDA7313 Datasheet
131Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Nov-1999
logo
Shenzhen Titan Micro El...
TDA7313 TITAN-TDA7313 Datasheet
706Kb / 14P
Digital Control Audio Processing Circuit
More results

Similar Description - TDA7311

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7310 STMICROELECTRONICS-TDA7310 Datasheet
129Kb / 15P
SERIAL BUS CONTROLLED AUDIO PROCESSOR
Nov-1999
TDA7315 STMICROELECTRONICS-TDA7315 Datasheet
114Kb / 12P
DIGITAL CONTROLLED AUDIO PROCESSOR
Jul-1998
TDA7343 STMICROELECTRONICS-TDA7343 Datasheet
100Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1999
TDA7437 STMICROELECTRONICS-TDA7437 Datasheet
181Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Dec-1999
TDA7437N STMICROELECTRONICS-TDA7437N Datasheet
139Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Oct-2003
TDA7342 STMICROELECTRONICS-TDA7342_06 Datasheet
221Kb / 20P
Digitally controlled audio processor
20-Nov-2006
TDA7348 STMICROELECTRONICS-TDA7348_07 Datasheet
220Kb / 20P
Digitally controlled audio processor
26-Jan-2007
TDA7437N STMICROELECTRONICS-TDA7437N_06 Datasheet
353Kb / 34P
Digitally controlled audio processor
Dec-2006
logo
Princeton Technology Co...
PT2037 PTC-PT2037 Datasheet
259Kb / 6P
Digitally Controlled Audio Processor
logo
Curtis Electromusic.
CEM5570 CES-CEM5570 Datasheet
462Kb / 14P
BUS CONTROLLED SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com